Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPR27-1000 Datasheet(PDF) 1 Page - Copal Electronics

Part # SPR27-1000
Description  STEPPING MOTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SPR27-1000 Datasheet(HTML) 1 Page - Copal Electronics

  SPR27-1000 Datasheet HTML 1Page - Copal Electronics SPR27-1000 Datasheet HTML 2Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5.9
12
1.5
6
8
1
6
11.5
4.8
40°
±3°
20°
±3°
9
41
34±0.2
(2-R3.5)
Lot No.
2-∅3.5±0.1
2
Pin layout
1∅1
∅2
1
2
Dash No.
S P R 2 7 - 1 0 0 0
STEPPING MOTORS
SPR27-1000
FEATURES
O Compact stepping motor
O Provided with connector terminals for easy connection
O RoHS compliant
APPLICATIONS
O Game machines
O Others
PART NUMBER DESIGNATION
Series name
Dash number
OUTLINE DIMENSIONS
Unless otherwise specified tolerance: ± 0.5 (Unit: mm)
Lot production is required. Please consult us for ordering.


Similar Part No. - SPR27-1000

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
SPR2 KOA-SPR2 Datasheet
299Kb / 3P
   power carbon film leaded resistor
logo
DIOTEC Electronics Corp...
SPR21 DEC-SPR21 Datasheet
536Kb / 2P
   2 AMP SUPER-EFFICIENT RECTIFIERS/ULTRAFAST RECOVERY DIODES
SPR22 DEC-SPR22 Datasheet
536Kb / 2P
   2 AMP SUPER-EFFICIENT RECTIFIERS/ULTRAFAST RECOVERY DIODES
logo
Vishay Siliconix
SPR2213 VISHAY-SPR2213 Datasheet
199Kb / 3P
   Wirewound Resistors, Special Purpose, Commercial, High Power
Revision: 04-Feb-11
SPR2214 VISHAY-SPR2214 Datasheet
199Kb / 3P
   Wirewound Resistors, Special Purpose, Commercial, High Power
Revision: 04-Feb-11
More results

Similar Description - SPR27-1000

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
SPS10 COPAL-SPS10 Datasheet
117Kb / 4P
   STEPPING MOTORS
SP33-1001 COPAL-SP33-1001 Datasheet
320Kb / 3P
   STEPPING MOTORS
logo
Mitsumi Electronics, Co...
M42SP-7 MITSUMI-M42SP-7 Datasheet
77Kb / 2P
   Stepping Motors
M35SP-15 MITSUMI-M35SP-15 Datasheet
63Kb / 1P
   Stepping Motors
M42SP-5 MITSUMI-M42SP-5 Datasheet
59Kb / 1P
   Stepping Motors
M10SP-2N MITSUMI-M10SP-2N Datasheet
52Kb / 1P
   Stepping Motors
logo
Copal Electronics
PLM45 COPAL-PLM45 Datasheet
75Kb / 2P
   STEPPING MOTORS
SPS20 COPAL-SPS20 Datasheet
103Kb / 5P
   STEPPING MOTORS
logo
Mitsumi Electronics, Co...
M25SP-3 MITSUMI-M25SP-3 Datasheet
52Kb / 2P
   Stepping Motors
M49SP-3KA MITSUMI-M49SP-3KA Datasheet
65Kb / 1P
   Stepping Motors
M35SP-14NK MITSUMI-M35SP-14NK Datasheet
53Kb / 1P
   Stepping Motors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com