Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST16C454CJ68 Datasheet(PDF) 9 Page - Exar Corporation

Part # ST16C454CJ68
Description  QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C454CJ68 Datasheet(HTML) 9 Page - Exar Corporation

Back Button ST16C454CJ68 Datasheet HTML 5Page - Exar Corporation ST16C454CJ68 Datasheet HTML 6Page - Exar Corporation ST16C454CJ68 Datasheet HTML 7Page - Exar Corporation ST16C454CJ68 Datasheet HTML 8Page - Exar Corporation ST16C454CJ68 Datasheet HTML 9Page - Exar Corporation ST16C454CJ68 Datasheet HTML 10Page - Exar Corporation ST16C454CJ68 Datasheet HTML 11Page - Exar Corporation ST16C454CJ68 Datasheet HTML 12Page - Exar Corporation ST16C454CJ68 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
ST16C454/68C454
9
Rev. 3.20
GENERAL DESCRIPTION
The 454 provides serial asynchronous receive data
synchronization, parallel-to-serial and serial-to-paral-
lel data conversions for both the transmitter and
receiver sections. These functions are necessary for
converting the serial data stream into parallel data that
is required with digital data systems. Synchronization
for the serial data stream is accomplished by adding
start and stops bits to the transmit data to form a data
character (character orientated protocol). Data integ-
rity is insured by attaching a parity bit to the data
character. The parity bit is checked by the receiver for
any transmission bit errors. The electronic circuitry to
provide all these functions is fairly complex especially
when manufactured on a single integrated silicon
chip. The ST16C454 represents such an integration
with greatly enhanced features. The 454 is fabricated
with an advanced CMOS process to achieve low drain
power and high speed requirements.
The 454 combines the package interface modes of the
ST16C454 and ST68C454 series on a single inte-
grated chip. The 16 mode interface is designed to
operate with the Intel type of microprocessor bus while
the 68 mode is intended to operate with Motorola, and
other popular microprocessors.
The 454 is capable of operation to 1.5Mbps with a 24
MHz crystal or external clock input. With a crystal of
14.7464 MHz, the user can select data rates up to
921.6Kbps.
The rich feature set of the 454 is available through
internal registers. Selectable TX and RX baud rates,
modem interface controls. In the 16 mode INTSEL
and MCR bit-3 can be configured to provide a software
controlled or continuous interrupt capability.
FUNCTIONAL DESCRIPTIONS
Interface Options
Two user interface modes are selectable for the 454
package. These interface modes are designated as
the “16 mode” and the “68 mode.” This nomenclature
corresponds to the early ST16C454 and ST68C454
package interfaces respectively.
The 16 Mode Interface
The 16 mode configures the package interface pins for
connection as a standard 16 series (Intel) device and
operates similar to the standard CPU interface avail-
able on the ST16C454. In the 16 mode (pin 16/-68
logic 1) each UART is selected with individual chip
select (-CSx) pins as shown in Table 2 below.
Table 2, SERIAL PORT CHANNEL SELECTION
GUIDE, 16 MODE INTERFACE
-CSA -CSB -CSC -CSD
UART
CHANNEL
1111
None
0111
A
1011
B
1101
C
1110
D
The 68 Mode Interface
The 68 mode configures the package interface pins for
connection with Motorola, and other popular micro-
processor bus types. The interface operates similar to
the ST68C454. In this mode the 454 decodes two
additional addresses, A3-A4 to select one of the four
UART ports. The A3-A4 address decode function is
used only when in the 68 mode (16/-68 logic 0), and is
shown in Table 3 below.
Table 3, SERIAL PORT CHANNEL SELECTION
GUIDE, 68 MODE INTERFACE
-CS
A4
A3
UART
CHANNEL
1
N/A
N/A
None
000
A
001
B
010
C
011
D


Similar Part No. - ST16C454CJ68

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C454CJ68 EXAR-ST16C454CJ68 Datasheet
177Kb / 29P
   QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
More results

Similar Description - ST16C454CJ68

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C454 EXAR-ST16C454_05 Datasheet
177Kb / 29P
   QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
Intersil Corporation
IM7332 INTERSIL-IM7332 Datasheet
1Mb / 36P
   Universal Asynchronous Receiver Transmitter(UART)
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
   Universal Asynchronous Receiver Transmitter(UART)
06/15/99
logo
Exar Corporation
ST16C450 EXAR-ST16C450 Datasheet
182Kb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
List of Unclassifed Man...
COM8017 ETC-COM8017 Datasheet
553Kb / 8P
   UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER UART
logo
NXP Semiconductors
SCC2691 PHILIPS-SCC2691 Datasheet
168Kb / 24P
   Universal asynchronous receiver/transmitter UART
1998 Sep 04
logo
IMP, Inc
IMP16C554 IMP-IMP16C554 Datasheet
510Kb / 20P
   Quad Universal Asynchronous Receiver/Transmitter (UART) with FIFOs
logo
Intersil Corporation
CDP1854A INTERSIL-CDP1854A Datasheet
95Kb / 21P
   Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
HD-6402 INTERSIL-HD-6402 Datasheet
154Kb / 7P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Harris Corporation
HD6402 HARRIS-HD6402 Datasheet
100Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com