Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL2O35A Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # CL2O35A
Description  Landscape and portrait modes supported
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

CL2O35A Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button CL2O35A Datasheet HTML 6Page - Future Technology Devices International Ltd. CL2O35A Datasheet HTML 7Page - Future Technology Devices International Ltd. CL2O35A Datasheet HTML 8Page - Future Technology Devices International Ltd. CL2O35A Datasheet HTML 9Page - Future Technology Devices International Ltd. CL2O35A Datasheet HTML 10Page - Future Technology Devices International Ltd. CL2O35A Datasheet HTML 11Page - Future Technology Devices International Ltd. CL2O35A Datasheet HTML 12Page - Future Technology Devices International Ltd. CL2O35A Datasheet HTML 13Page - Future Technology Devices International Ltd. CL2O35A Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Copyright © Future Technology Devices International Limited
10
CleO35 Module Datasheet
Version 1.0
Doc ument Reference N o.: FT _001299 C learance N o.: FT DI# 4 9 3
4.5
Camera Interface
The CleO35 has a camera module interface, via a 24-pin 0.5mm pitch FFC/FPC, bottom contact
connector, CN3.In this design, support is provided for an OmniVision OV2640 camera module. A
readymade camera module (CleO-CAM1A) can be purchase from FTDI. Support for further camera
modules may be added in the future. Please visit the FTDI website for more information.
See table 2 for the Camera interface pinout
Pin No
Name
Description
1
GND
Ground
2
GND
Ground
3
I2C0_SDA
I2C serial bus, data line
4
CAM_5V
5V power supply
5
I2C0_SCL
I2C serial bus, clock line
6
RESET#
Hardware reset, active low
7
CAM_VD
Camera vertical sync input
8
CAM_PWDN
Camera module power down
signal, active high
9
CAM_HD
Camera horizontal reference
input
10
CAM_3V3
3.3V power supply
11
CAM_3V3
3.3V power supply
12
CAM_D7
Camera data line, Bit 7
13
CAM_XCLK
Camera external clock output
14
CAM_D6
Camera data line, Bit 6
15
GND
Ground
16
CAM_D5
Camera data line, Bit 5
17
CAM_PCLK
Camera pixel clock input
18
CAM_D4
Camera data line, Bit 4
19
CAM_D0
Camera data line, Bit 0
20
CAM_D3
Camera data line, Bit 3
21
CAM_D1
Camera data line, Bit 1
22
CAM_D2
Camera data line, Bit 2
23
CAM_5V
5V power supply
24
PWM0
Pulse width modulation
Table 2 - Camera Connector Pin Out


Similar Part No. - CL2O35A

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL2 SUTEX-CL2 Datasheet
256Kb / 7P
   Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL2 SUTEX-CL2 Datasheet
932Kb / 7P
   Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL2 SUTEX-CL2 Datasheet
932Kb / 7P
   Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
logo
Microchip Technology
CL2 MICROCHIP-CL2 Datasheet
426Kb / 15P
   Simple 90V, 20mA, Temperature Compensated
07/14/15
logo
Bel Fuse Inc.
CL2-10R-12 BEL-CL2-10R-12 Datasheet
844Kb / 2P
   Inherently or Non-Inherently Limited
More results

Similar Description - CL2O35A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD2828 ETC1-SSD2828 Datasheet
1Mb / 2P
   Support 24bit video mode up to 1200 x 1920 (Landscape and Portrait)
logo
Tripp Lite. All Rights ...
DWM3770PLX TRIPPLITE-DWM3770PLX Datasheet
169Kb / 3P
   Portrait/Landscape Rotatable Fixed Flat-Screen Wall Mount for 37 to 70 TVs and Monitors
DWM3780ROT TRIPPLITE-DWM3780ROT Datasheet
162Kb / 3P
   Portrait/Landscape Rotating TV Wall Mount for 37??to 80??Curved or Flat-Screen Displays
logo
Axiomtek Co., Ltd.
STB97300 AXIOMTEK-STB97300 Datasheet
194Kb / 1P
   VGA and LCD supported
STB86600 AXIOMTEK-STB86600 Datasheet
186Kb / 1P
   VGA and LCD supported
logo
Abracon Corporation
ABM8AIG ABRACON-ABM8AIG Datasheet
5Mb / 4P
   PPAP ready and supported
12.09.15
logo
Axiomtek Co., Ltd.
STB86600 AXIOMTEK-STB86600_14 Datasheet
179Kb / 1P
   VGA and LCD supported
logo
Level One
FVS-3800 LVL1-FVS-3800 Datasheet
1Mb / 3P
   ICMP and ARP protocols supported
logo
Axiomtek Co., Ltd.
MANO882 AXIOMTEK-MANO882_16 Datasheet
248Kb / 1P
   mSATA and SIM slots supported
logo
STMicroelectronics
AN4195 STMICROELECTRONICS-AN4195 Datasheet
731Kb / 24P
   STM32F30x ADC modes and application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com