Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT51AQ-T Datasheet(PDF) 10 Page - Future Technology Devices International Ltd.

Part # FT51AQ-T
Description  Supports DMA operation
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT51AQ-T Datasheet(HTML) 10 Page - Future Technology Devices International Ltd.

Back Button FT51AQ-T Datasheet HTML 6Page - Future Technology Devices International Ltd. FT51AQ-T Datasheet HTML 7Page - Future Technology Devices International Ltd. FT51AQ-T Datasheet HTML 8Page - Future Technology Devices International Ltd. FT51AQ-T Datasheet HTML 9Page - Future Technology Devices International Ltd. FT51AQ-T Datasheet HTML 10Page - Future Technology Devices International Ltd. FT51AQ-T Datasheet HTML 11Page - Future Technology Devices International Ltd. FT51AQ-T Datasheet HTML 12Page - Future Technology Devices International Ltd. FT51AQ-T Datasheet HTML 13Page - Future Technology Devices International Ltd. FT51AQ-T Datasheet HTML 14Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Copyright © Future Technology Devices International Limited
10
FT51A Advanced MCU with 8051 Compatible Core IC Datasheet
Version 1.5
Doc ument N o.: FT _000877
C learance N o.: FT DI#420
Pin Nos.
Name
Type
Description
48 pin
44 pin
32 pin
28 pin
30
27
-
-
DW_DM
INPUT/
OUTPUT
Downstream USB Data
Signal Minus.
29
26
-
-
DW_DP
INPUT/
OUTPUT
Downstream USB Data
Signal Plus.
32
29
21
22
UP_DM
INPUT/
OUTPUT
Upstream USB Data
Signal Minus.
31
28
20
21
UP_DP
INPUT/
OUTPUT
Upstream USB Data
Signal Plus.
5
4
4
5
RST
INPUT
Device Reset. Active
HIGH
44
-
-
-
VREF
INPUT
Reference voltage.
Connect to VOUT3V3.
16
14
13
15
DEBUGG
ER
INPUT/
OUTPUT
Chip Debug Port
1,2,3,4,6,
9,10,11,12
13,14,15
45,46,47,48
1,2,3,5,7,8
9,10,11
12,13,
40,41,42
43,44
1,2,3
5,6,7
8,9,10
11,12,
28,29,30
31,32
1,2,3,
4,
6,8,9,
10,11
12,13
,14
P1.0_
P1.7
P3.0_
P3.7
(DIO0_D
IO15)
INPUT/
OUTPUT
General Purpose
digital IO pins. Weak
internal pull up
enabled on exit from
POR or hardware
reset.
20,21,22,23
24,25,26,27
33,34,35,36
37,38,39,40
18,19,20,21
22,23,24,25
30,31,32,33
34,35,36,37
16,17,181
9,22,23
24,25
17,18
,19
20,23
,24
25,26
P0.0_
P0.7
P2.0_
P2.7
(AIO0_A
IO15)
INPUT/
OUTPUT
ADC analogue input
pins. Can also be used
as digital IO pins.
AIO0 – AIO7 have no
pull ups when using
44 or 48 pin packages.
Table 2-2 – Common Function pins


Similar Part No. - FT51AQ-T

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT51AQ-T FTDI-FT51AQ-T Datasheet
1Mb / 43P
   Advanced Microcontroller with 8051 Compatible Core
More results

Similar Description - FT51AQ-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPCI-6880 ETC2-CPCI-6880 Datasheet
550Kb / 2P
   Supports system/peripheral operation
logo
Xilinx, Inc
DS570 XILINX-DS570 Datasheet
1Mb / 38P
   Supports full-duplex operation
logo
List of Unclassifed Man...
CPCI-3970 ETC2-CPCI-3970 Datasheet
525Kb / 2P
   Supports system/peripheral slot operation
logo
Axiomtek Co., Ltd.
NA-320FL AXIOMTEK-NA-320FL Datasheet
259Kb / 1P
   Supports fanless and noiseless operation
NA-813FL AXIOMTEK-NA-813FL Datasheet
211Kb / 1P
   Supports fanless and noiseless operation
NA813FL AXIOMTEK-NA813FL Datasheet
252Kb / 1P
   Supports fanless and noiseless operation
logo
Maxim Integrated Produc...
MAX2306MAX2308-MAX2309 MAXIM-MAX2306MAX2308-MAX2309 Datasheet
197Kb / 20P
   Supports Dual-Band, Triple-Mode Operation
Rev 3; 8/04
logo
Vishay Siliconix
DG1411E VISHAY-DG1411E Datasheet
347Kb / 14P
   Supports single and dual supply operation
Rev. C, 23-Jan-17
logo
Integrated Silicon Solu...
IS66WVD4M16ALL ISSI-IS66WVD4M16ALL Datasheet
946Kb / 52P
   Single device supports asynchronous and burst operation
IS66WVD1M16ALL ISSI-IS66WVD1M16ALL Datasheet
1Mb / 52P
   Single device supports asynchronous and burst operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com