Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT2232H-56Q Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # FT2232H-56Q
Description  USB Hi-Speed FT2232H Evaluation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT2232H-56Q Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button FT2232H-56Q Datasheet HTML 5Page - Future Technology Devices International Ltd. FT2232H-56Q Datasheet HTML 6Page - Future Technology Devices International Ltd. FT2232H-56Q Datasheet HTML 7Page - Future Technology Devices International Ltd. FT2232H-56Q Datasheet HTML 8Page - Future Technology Devices International Ltd. FT2232H-56Q Datasheet HTML 9Page - Future Technology Devices International Ltd. FT2232H-56Q Datasheet HTML 10Page - Future Technology Devices International Ltd. FT2232H-56Q Datasheet HTML 11Page - Future Technology Devices International Ltd. FT2232H-56Q Datasheet HTML 12Page - Future Technology Devices International Ltd. FT2232H-56Q Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Copyright © Future Technology Devices International Limited
8
FT2232H-56Q Mini Module Datasheet
Version 1.0
Doc ument N o.: FT _001274 C learance N o.: FT DI# 4 90
Connector Pin
Name
Description
CN3-11
BC5
FT2232H-56Q BC5 pin
CN3-12
VIO
Connected to all FT2232H-56Q VCCIO pins
(input)
CN3-13
BC4
FT2232H-56Q BC4 pin
CN3-14
BC3
FT2232H-56Q BC3 pin
CN3-15
BC2
FT2232H-56Q BC2 pin
CN3-16
BC1
FT2232H-56Q BC1 pin
CN3-17
BC0
FT2232H-56Q BC0 pin
CN3-18
BD7
FT2232H-56Q BD7 pin
CN3-19
BD6
FT2232H-56Q BD6 pin
CN3-20
BD5
FT2232H-56Q BD5 pin
CN3-21
BD4
FT2232H-56Q BD4 pin
CN3-22
VIO
Connected to all FT2232H-56Q VCCIO pins
(input)
CN3-23
BD3
FT2232H-56Q BD3 pin
CN3-24
BD2
FT2232H-56Q BD2 pin
CN3-25
BD1
FT2232H-56Q BD1 pin
CN3-26
BD0
FT2232H-56Q BD0 pin
Table 3.2 FT2232H-56Q Mini Module Connection – CN3
In most cases, the FT2232H-56Q pin is connected directly to the associated pin on CN2 or CN3.
The FT2232H-56Q Mini Module allows configuration with both USB Bus-powered designs and USB Self-
powered designs:
USB Bus-powered:
1) JP1 is connected VBUS to VCC (CN3, pin 1 to CN3, pin 3). This connection takes the power
from the USB bus (VBUS) and connects it to the voltage regulator input on the FT2232H-56Q Mini
Module. The voltage regulator, in turn, provides V3V3, VPLL and VUSB power inputs to the
FT2232H-56Q chip.
2) JP2 is connected V3V3 to VIO (CN2, pins 1, 3 & 5 to CN2, pins 11 and CN3, pins 12 &
22). This connection provides the correct 3.3VDC operating voltage for VCCIO on the FT2232H-
56Q chip.
3) Connected to jumper JP1 pin 1 in order to supply power for FT2232H-56Q chip from the USB
port.
4) External 3.3V regulator output. Connected to jumper JP2 pin 2 in order to supply the VIO voltage
with 3.3V tolerance.


Similar Part No. - FT2232H-56Q

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT2232H-56Q FTDI-FT2232H-56Q Datasheet
1Mb / 90P
   Dual High Speed USB to Multipurpose UART/FIFO IC
More results

Similar Description - FT2232H-56Q

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT2232H-MINI FTDI-FT2232H-MINI Datasheet
789Kb / 13P
   US Hi-Speed FT2232H Evaluation Module
FT4232H-56Q FTDI-FT4232H-56Q Datasheet
728Kb / 18P
   USB Hi-Speed FT4232H Evaluation
logo
NXP Semiconductors
ISP1582 NXP-ISP1582 Datasheet
364Kb / 69P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
ISP1512A NXP-ISP1512A Datasheet
285Kb / 56P
   ULPI Hi-Speed USB transceiver
Rev. 01-31 July 2008
ISP1583 NXP-ISP1583 Datasheet
507Kb / 100P
   Hi-Speed USB peripheral controller
Rev. 07-22 September 2008
logo
List of Unclassifed Man...
PL-2555 ETC-PL-2555 Datasheet
31Kb / 1P
   Hi-Speed USB Docking Controller
logo
STMicroelectronics
UM0068 STMICROELECTRONICS-UM0068 Datasheet
505Kb / 17P
   USB low-speed evaluation board
logo
JMicron Technology Corp...
JM20329 JMICRON-JM20329 Datasheet
126Kb / 2P
   Hi-Speed USB to SATA Bridge
logo
Microchip Technology
USB2512 MICROCHIP-USB2512 Datasheet
887Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
07/14/15
USB251 MICROCHIP-USB251 Datasheet
810Kb / 57P
   USB 2.0 Hi-Speed Hub Controller
2010 - 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com