Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADPD2210 Datasheet(PDF) 8 Page - Analog Devices

Part # ADPD2210
Description  Ultralow noise, low power current amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD2210 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADPD2210 Datasheet HTML 4Page - Analog Devices ADPD2210 Datasheet HTML 5Page - Analog Devices ADPD2210 Datasheet HTML 6Page - Analog Devices ADPD2210 Datasheet HTML 7Page - Analog Devices ADPD2210 Datasheet HTML 8Page - Analog Devices ADPD2210 Datasheet HTML 9Page - Analog Devices ADPD2210 Datasheet HTML 10Page - Analog Devices ADPD2210 Datasheet HTML 11Page - Analog Devices ADPD2210 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet
ADPD2210
Rev. A | Page 7 of 15
Figure 9. Bandwidth/Peaking
Figure 10. Linearity Error vs. Input Current (TIA) at Various Temperatures
Figure 11. Linearity Error vs. Input Current (TIA) at Various Supplies
Figure 12. Normalized Offset vs. Temperature
Figure 13. Noise Bandwidth/Peaking
Figure 14. Supply Current in Power-Down vs. Temperature
100
1k
10k
100k
1M
FREQUENCY (Hz)
100nA
1µA
10µA
–14
–12
–10
–8
–6
–4
–2
0
2
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
0
123
4
INPUT CURRENT (µA)
–40°C
+25°C
+85°C
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0.10
0
123
4
INPUT CURRENT (µA)
VCC = 5V
VCC = 3.3V
VCC = 2.5V
VCC = 1.8V
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
–40
–20
0
2040
6080
TEMPERATURE (°C)
VCC = 5V
VCC = 3.3V
VCC = 2.5V
VCC = 1.8V
0.01
0.1
1
10
10
100
1k
10k
100k
FREQUENCY (Hz)
–40°C
+25°C
+85°C
0
10
20
30
40
50
60
70
80
90
100
–40
–20
0
20406080
TEMPERATURE (°C)


Similar Part No. - ADPD2210

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPD2211 AD-ADPD2211 Datasheet
476Kb / 14P
   Low Noise, High Sensitivity Optical Sensor
ADPD2211ACPZ-R7 AD-ADPD2211ACPZ-R7 Datasheet
476Kb / 14P
   Low Noise, High Sensitivity Optical Sensor
ADPD2211ACPZ-RL AD-ADPD2211ACPZ-RL Datasheet
476Kb / 14P
   Low Noise, High Sensitivity Optical Sensor
ADPD2212 AD-ADPD2212 Datasheet
487Kb / 14P
   Low Noise, High Sensitivity Optical Sensor
ADPD2212ACPZ-R7 AD-ADPD2212ACPZ-R7 Datasheet
487Kb / 14P
   Low Noise, High Sensitivity Optical Sensor
More results

Similar Description - ADPD2210

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79015 TI1-TPS79015_08 Datasheet
485Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA ULTRALOW-POWER LOW-NOISE 50-mA
logo
Analog Devices
ADA4075-2ACPZ AD-ADA4075-2ACPZ Datasheet
1Mb / 24P
   Ultralow Noise Amplifier at Lower Power
REV. B
ADA4075-2 AD-ADA4075-2 Datasheet
865Kb / 24P
   Ultralow Noise Amplifier at Lower Power
REV. 0
ADA4075-2 AD-ADA4075-2_16 Datasheet
1Mb / 25P
   Ultralow Noise Amplifier at Lower Power
logo
Texas Instruments
TPS790 TI-TPS790 Datasheet
463Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 50-mA
logo
Agilent(Hewlett-Packard...
MGA-62563 HP-MGA-62563 Datasheet
169Kb / 19P
   Current-Adjustable, Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-68563 AVAGO-MGA-68563 Datasheet
284Kb / 18P
   Current-Adjustable, Low Noise Amplifier
logo
Broadcom Corporation.
MGA-68563 BOARDCOM-MGA-68563 Datasheet
284Kb / 18P
   Current-Adjustable, Low Noise Amplifier
DEMO-MGA-685T6 BOARDCOM-DEMO-MGA-685T6 Datasheet
790Kb / 19P
   Current-Adjustable, Low Noise Amplifier
MGA-685T6 BOARDCOM-MGA-685T6 Datasheet
790Kb / 19P
   Current-Adjustable, Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com