Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2045AFJ Datasheet(PDF) 5 Page - Rohm

Part # BD2045AFJ
Description  0.5A Current Limit High Side Switch ICs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2045AFJ Datasheet(HTML) 5 Page - Rohm

  BD2045AFJ Datasheet HTML 1Page - Rohm BD2045AFJ Datasheet HTML 2Page - Rohm BD2045AFJ Datasheet HTML 3Page - Rohm BD2045AFJ Datasheet HTML 4Page - Rohm BD2045AFJ Datasheet HTML 5Page - Rohm BD2045AFJ Datasheet HTML 6Page - Rohm BD2045AFJ Datasheet HTML 7Page - Rohm BD2045AFJ Datasheet HTML 8Page - Rohm BD2045AFJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
BD2045AFJ
BD2055AFJ
Electrical Characteristics - continued
BD2055AFJ (Unless otherwise specified, VIN = 5.0V, Ta = 25°C)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Operating Current
IDD
-
90
120
μA
VEN = 5V, OUT = OPEN
Standby Current
ISTB
-
0.01
1
μA
VEN = 0V, OUT = OPEN
EN Input Voltage
VENH
2.0
-
-
V
High Input
VENL
-
-
0.8
V
Low Input
-
-
0.4
V
Low Input 2.7V≤ VIN ≤4.5V
EN Input Current
IEN
-1.0
+0.01
+1.0
μA
VEN = 0V or VEN = 5V
/OC Output Low Voltage
V/OC
-
-
0.5
V
I/OC = 5mA
/OC Output Leak Current
IL/OC
-
0.01
1
μA
V/OC = 5V
/OC Delay Time
t/OC
-
2.5
8
ms
ON-Resistance
RON
-
80
100
IOUT = 250mA
Over-Current Threshold
ITH
0.3
0.5
0.8
A
Output Current at Short
ISC
0.3
0.5
0.7
A
VIN = 5V, VOUT = 0V,
CL = 100μF (RMS)
Output Rise Time
tON1
-
1.2
10
ms
RL = 20Ω , CL = OPEN
Output Turn ON Time
tON2
-
1.5
20
ms
Output Fall Time
tOFF1
-
1
20
μs
Output Turn OFF Time
tOFF2
-
3
40
μs
UVLO Threshold
VTUVH
2.1
2.3
2.5
V
Increasing VIN
VTUVL
2.0
2.2
2.4
V
Decreasing VIN
4/22
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300130-1-2
21.Aug.2014 Rev.002


Similar Part No. - BD2045AFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2045AFJ ROHM-BD2045AFJ Datasheet
315Kb / 6P
   Silicon monolithic integrated circuit USB high side switch IC
BD2045AFJ ROHM-BD2045AFJ Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ Datasheet
334Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2045AFJ ROHM-BD2045AFJ_09 Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ_11 Datasheet
334Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
More results

Similar Description - BD2045AFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2062FJ ROHM-BD2062FJ_14 Datasheet
1Mb / 26P
   2.4A Current Limit High Side Switch ICs
BD2224G ROHM-BD2224G_14 Datasheet
1,013Kb / 26P
   0.75A Current Limit High Side Switch ICs
BD2240G ROHM-BD2240G_14 Datasheet
1,006Kb / 27P
   1.0A Current Limit High Side Switch ICs
BD82000FVJ-LB ROHM-BD82000FVJ-LB Datasheet
532Kb / 26P
   1.5A Current Limit High Side Switch ICs
BD82046FVJ ROHM-BD82046FVJ Datasheet
998Kb / 24P
   3.2A Current Limit High Side Switch ICs
26.MAY.2014 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com