Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2046AFJ Datasheet(PDF) 8 Page - Rohm

Part # BD2046AFJ
Description  0.5A Current Limit High Side Switch ICs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2046AFJ Datasheet(HTML) 8 Page - Rohm

Back Button BD2046AFJ Datasheet HTML 4Page - Rohm BD2046AFJ Datasheet HTML 5Page - Rohm BD2046AFJ Datasheet HTML 6Page - Rohm BD2046AFJ Datasheet HTML 7Page - Rohm BD2046AFJ Datasheet HTML 8Page - Rohm BD2046AFJ Datasheet HTML 9Page - Rohm BD2046AFJ Datasheet HTML 10Page - Rohm BD2046AFJ Datasheet HTML 11Page - Rohm BD2046AFJ Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
BD2046AFJ
BD2056AFJ
Datasheet
Typical Performance Curves - continued
0
50
100
150
200
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=5.0V
Figure 13. ON-Resistance vs Ambient Temperature
Figure 12. ON-Resistance vs Supply Voltage
0
50
100
150
200
2
3
4
5
6
SUPPLY VOLTAGE : VDD[V]
Ta=25°C
Ambient Temperature: Ta[°C]
Supply Voltage: VIN[V]
Figure 15. Over-Current Threshold vs
Ambient Temperature
VIN=5.0V
0.0
0.5
1.0
1.5
2.0
-50
0
50
100
Ambient Temperature: Ta[°C]
Figure 14. Over-Current Threshold vs
Supply Voltage
Ta=25°C
0.0
0.5
1.0
1.5
2.0
2
3
4
5
6
Supply Voltage: VIN[V]
8/23
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300140-1-2
21.Aug.2014 Rev.002


Similar Part No. - BD2046AFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2046AFJ ROHM-BD2046AFJ Datasheet
429Kb / 14P
   2ch Small Current Output USB High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ Datasheet
394Kb / 14P
   2ch High Side Switch ICs for USB Devices and Memory Cards
BD2046AFJ ROHM-BD2046AFJ_09 Datasheet
429Kb / 14P
   2ch Small Current Output USB High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_11 Datasheet
394Kb / 14P
   2ch High Side Switch ICs for USB Devices and Memory Cards
More results

Similar Description - BD2046AFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2045AFJ ROHM-BD2045AFJ_14 Datasheet
1Mb / 26P
   0.5A Current Limit High Side Switch ICs
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2062FJ ROHM-BD2062FJ_14 Datasheet
1Mb / 26P
   2.4A Current Limit High Side Switch ICs
BD2224G ROHM-BD2224G_14 Datasheet
1,013Kb / 26P
   0.75A Current Limit High Side Switch ICs
BD2240G ROHM-BD2240G_14 Datasheet
1,006Kb / 27P
   1.0A Current Limit High Side Switch ICs
BD82000FVJ-LB ROHM-BD82000FVJ-LB Datasheet
532Kb / 26P
   1.5A Current Limit High Side Switch ICs
BD82046FVJ ROHM-BD82046FVJ Datasheet
998Kb / 24P
   3.2A Current Limit High Side Switch ICs
26.MAY.2014 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com