Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2202G Datasheet(PDF) 4 Page - Rohm

Part # BD2202G
Description  0.2A, 0.5A Current Load Switch ICs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2202G Datasheet(HTML) 4 Page - Rohm

  BD2202G Datasheet HTML 1Page - Rohm BD2202G Datasheet HTML 2Page - Rohm BD2202G Datasheet HTML 3Page - Rohm BD2202G Datasheet HTML 4Page - Rohm BD2202G Datasheet HTML 5Page - Rohm BD2202G Datasheet HTML 6Page - Rohm BD2202G Datasheet HTML 7Page - Rohm BD2202G Datasheet HTML 8Page - Rohm BD2202G Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
BD2202G
BD2206G
Datasheet
Electrical Characteristics - continued
BD2206G
(Unless otherwise specified, VIN= 3.3V, Ta= 25°C)
DC Characteristics
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Operating Current
IDD
-
70
90
μA
VEN= 3.3V, VOUT= OPEN
Standby Current
ISTB
-
0.01
1
μA
VEN= 0V, VOUT= OPEN
EN Input Voltage
VEN
2.0
-
-
V
High Level Input
-
-
0.8
V
Low Level Input
EN Input Current
IEN
-1.0
+0.01
+1.0
μA
VEN= 0V or VEN= 3.3V
ON-Resistance
RON
-
150
200
IOUT= 50mA
Over-Current Threshold
ITH
0.8
-
1.6
A
Short-Circuit Output Current
ISC
750
-
1350
mA
VOUT= 0V
Output Leak Current
ILEAK
-
0.01
10
μA
VEN= 0V, VOUT= 0V
UVLO Threshold
VTUVH
2.1
2.3
2.5
V
VIN Increasing
VTUVL
2.0
2.2
2.4
V
VIN Decreasing
AC Characteristics
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Output Rise Time
tON1
0.25
1.2
6
ms
ROUT= 500Ω, COUT= 0.1μF
Output Turn ON Time
tON2
0.4
2
10
ms
ROUT= 500Ω, COUT= 0.1μF
Output Fall Time
tOFF1
50
100
200
μs
ROUT= 500Ω, COUT= 0.1μF
Output Turn OFF Time
tOFF2
50
100
200
μs
ROUT= 500Ω, COUT= 0.1μF
Over-Current Shutdown Time 1
tBLANK1
5
10
15
ms
At Continuous Over-Current
Over-Current Shutdown Time 2
tBLANK2
3
-
15
ms
At Discontinuous Over-Current
4/22
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300180-1-2
21.Aug.2014 Rev.003


Similar Part No. - BD2202G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2202G ROHM-BD2202G Datasheet
469Kb / 13P
   Load Switch ICs for Portable Equipment
BD2202G-LB ROHM-BD2202G-LB Datasheet
542Kb / 25P
   Load Switch ICs for Portable Equipment
BD2202G-LBTR ROHM-BD2202G-LBTR Datasheet
542Kb / 25P
   Load Switch ICs for Portable Equipment
BD2202G ROHM-BD2202G_09 Datasheet
453Kb / 13P
   1ch Small Current Output Power Management Switch ICs
BD2202G ROHM-BD2202G_11 Datasheet
469Kb / 13P
   Load Switch ICs for Portable Equipment
More results

Similar Description - BD2202G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6524HFV ROHM-BD6524HFV_14 Datasheet
821Kb / 21P
   0.5A Current Load Switch ICs
BD6528HFV ROHM-BD6528HFV_14 Datasheet
1Mb / 26P
   0.5A Current Load Switch ICs
BD2200GUL ROHM-BD2200GUL_14 Datasheet
1,004Kb / 22P
   0.5A, 1.0A Load Switch ICs
logo
Diodes Incorporated
AP2331 DIODES-AP2331 Datasheet
242Kb / 11P
   0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
logo
Unisonic Technologies
US301 UTC-US301 Datasheet
125Kb / 4P
   0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
logo
Rohm
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ_14 Datasheet
1Mb / 26P
   0.5A Current Limit High Side Switch ICs
logo
Diodes Incorporated
AP2331TD DIODES-AP2331TD Datasheet
746Kb / 11P
   0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH WITH OUTPUT TRANSIENT DISCHARGE
October 2017
logo
Solid State Optronic
SMA4120 SSOUSA-SMA4120 Datasheet
222Kb / 6P
   High Load Current (0.5A MAX Continuous)
logo
Rohm
BD2202G-LB ROHM-BD2202G-LB Datasheet
542Kb / 25P
   Load Switch ICs for Portable Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com