Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6720-27-EVALZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADRF6720-27-EVALZ
Description  Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6720-27-EVALZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADRF6720-27-EVALZ Datasheet HTML 5Page - Analog Devices ADRF6720-27-EVALZ Datasheet HTML 6Page - Analog Devices ADRF6720-27-EVALZ Datasheet HTML 7Page - Analog Devices ADRF6720-27-EVALZ Datasheet HTML 8Page - Analog Devices ADRF6720-27-EVALZ Datasheet HTML 9Page - Analog Devices ADRF6720-27-EVALZ Datasheet HTML 10Page - Analog Devices ADRF6720-27-EVALZ Datasheet HTML 11Page - Analog Devices ADRF6720-27-EVALZ Datasheet HTML 12Page - Analog Devices ADRF6720-27-EVALZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
ADRF6720-27
Data Sheet
Rev. B | Page 8 of 43
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
−0.3 V to +3.6 V
I+, I−, Q+, Q−
−0.5 V to +3.6 V
LOIN+, LOIN−
16 dBm differential
REFIN
−0.3 V to +3.6 V
ENBL
−0.3 V to +3.6 V
VTUNE
−0.3 V to +3.6 V
CS, SCLK, SDIO
−0.3 V to +3.6 V
Maximum Junction Temperature
150°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is thermal resistance, junction to ambient (°C/W), and θJC is
thermal resistance, junction to case (°C/W).
Table 4. Thermal Resistance
Package Type
θJA1
θJC1
Unit
40-Lead LFCSP
30.23
0.44
°C/W
1
See JEDEC standard JESD51-2 for information on optimizing thermal
impedance.
ESD CAUTION


Similar Part No. - ADRF6720-27-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6720-EVALZ AD-ADRF6720-EVALZ Datasheet
3Mb / 44P
   Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
More results

Similar Description - ADRF6720-27-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6720 AD-ADRF6720 Datasheet
3Mb / 44P
   Wideband Quadrature Modulator with Integrated Fractional-N PLL and VCOs
logo
STMicroelectronics
STW81200 STMICROELECTRONICS-STW81200 Datasheet
3Mb / 58P
   Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
January 2016 Rev 7
logo
Analog Devices
ADRF6750 AD-ADRF6750 Datasheet
1Mb / 40P
   950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
logo
Texas Instruments
TRF3722 TI1-TRF3722 Datasheet
2Mb / 67P
[Old version datasheet]   Quadrature Modulator with Integrated PLL and VCO
logo
STMicroelectronics
STUW81300 STMICROELECTRONICS-STUW81300 Datasheet
1Mb / 63P
   Wideband RF/microwave PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
March 2022 Rev 7
logo
Texas Instruments
TRF3722 TI-TRF3722_15 Datasheet
2Mb / 67P
[Old version datasheet]   TRF3722 Quadrature Modulator with Integrated PLL and VCO
logo
Analog Devices
ADMV4540 AD-ADMV4540 Datasheet
4Mb / 54P
   K Band Quadrature Demodulator with Integrated Fractional-N PLL and VCO
logo
Asahi Kasei Microsystem...
AK1574 AKM-AK1574 Datasheet
2Mb / 66P
   46.875-1682.5MHz Fractional-N PLL with integrated VCO and FM/FSK modulator
logo
Analog Devices
HMC837LP6CE AD-HMC837LP6CE Datasheet
777Kb / 12P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
HMC767LP6CE AD-HMC767LP6CE Datasheet
1,020Kb / 8P
   FRACTIONAL-N PLL WITH INTEGRATED VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com