Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2232G-GTR Datasheet(PDF) 2 Page - Rohm

Part # BD2232G-GTR
Description  1.3A Current Limit High Side Switch ICs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2232G-GTR Datasheet(HTML) 2 Page - Rohm

  BD2232G-GTR Datasheet HTML 1Page - Rohm BD2232G-GTR Datasheet HTML 2Page - Rohm BD2232G-GTR Datasheet HTML 3Page - Rohm BD2232G-GTR Datasheet HTML 4Page - Rohm BD2232G-GTR Datasheet HTML 5Page - Rohm BD2232G-GTR Datasheet HTML 6Page - Rohm BD2232G-GTR Datasheet HTML 7Page - Rohm BD2232G-GTR Datasheet HTML 8Page - Rohm BD2232G-GTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
BD2232G
BD2233G
Datasheet
Block Diagram
Pin Configurations
Pin Description
Pin No.
Symbol
I/O
Function
1
IN
-
Switch input and the supply voltage for the IC
2
GND
-
Ground
3
EN, /EN
I
Enable input
EN: High level input turns on the switch. (BD2232G)
/EN: Low level input turns on the switch. (BD2233G)
4
/OC
O
Over-current detection terminal.
Low level output during over-current or over-temperature condition
Open-drain fault flag output
5
OUT
O
Switch output
Over-current
Protection
Under-voltage
Lockout
EN(/EN)
IN
/OC
GND
OUT
/EN
Delay
Counter
Charge
Pump
Thermal
Shutdown
BD2232G
TOP VIEW
BD2233G
TOP VIEW
IN
GND
EN
1
2
3
4
5
/OC
OUT
IN
GND
/EN
1
2
3
4
5
/OC
OUT
2/23
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300220-1-2
21.Aug.2014 Rev.003


Similar Part No. - BD2232G-GTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results

Similar Description - BD2232G-GTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD2062FJ ROHM-BD2062FJ_14 Datasheet
1Mb / 26P
   2.4A Current Limit High Side Switch ICs
BD2224G ROHM-BD2224G_14 Datasheet
1,013Kb / 26P
   0.75A Current Limit High Side Switch ICs
BD2240G ROHM-BD2240G_14 Datasheet
1,006Kb / 27P
   1.0A Current Limit High Side Switch ICs
BD82000FVJ-LB ROHM-BD82000FVJ-LB Datasheet
532Kb / 26P
   1.5A Current Limit High Side Switch ICs
BD82046FVJ ROHM-BD82046FVJ Datasheet
998Kb / 24P
   3.2A Current Limit High Side Switch ICs
26.MAY.2014 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com