Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2233G-GTR Datasheet(PDF) 3 Page - Rohm

Part # BD2233G-GTR
Description  1.3A Current Limit High Side Switch ICs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2233G-GTR Datasheet(HTML) 3 Page - Rohm

  BD2233G-GTR Datasheet HTML 1Page - Rohm BD2233G-GTR Datasheet HTML 2Page - Rohm BD2233G-GTR Datasheet HTML 3Page - Rohm BD2233G-GTR Datasheet HTML 4Page - Rohm BD2233G-GTR Datasheet HTML 5Page - Rohm BD2233G-GTR Datasheet HTML 6Page - Rohm BD2233G-GTR Datasheet HTML 7Page - Rohm BD2233G-GTR Datasheet HTML 8Page - Rohm BD2233G-GTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
BD2232G
BD2233G
Datasheet
Absolute Maximum Ratings
(Ta=25°C)
Parameter
Symbol
Rating
Unit
IN Supply Voltage
VIN
-0.3 to +6.0
V
EN(/EN) Input Voltage
VEN, V/EN
-0.3 to +6.0
V
/OC Voltage
V/OC
-0.3 to +6.0
V
/OC Sink Current
I/OC
5
mA
OUT Voltage
VOUT
-0.3 to VIN + 0.3
V
Storage Temperature
Tstg
-55 to +150
°C
Power Dissipation
Pd
0.67 (Note 1)
W
(Note 1) Mounted on 70mm x 70mm x 1.6mm glass epoxy board. Reduce 5.4mW per 1°C above 25°C
Caution:
Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated
over the absolute maximum ratings.
Recommended Operating Conditions
Parameter
Symbol
Rating
Unit
Min
Typ
Max
IN Operating Voltage
VIN
2.7
5.0
5.5
V
Operating Temperature
Topr
-40
-
+85
°C
Electrical Characteristics
BD2232G
(VIN= 5V, Ta= 25°C, unless otherwise specified.)
DC Characteristics
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Operating Current
IDD
-
110
160
μA
VEN = 5V, VOUT = open
Standby Current
ISTB
-
0.01
5
μA
VEN = 0V, VOUT = open
EN Input Voltage
VENH
2.0
-
-
V
High Input
VENL
-
-
0.8
V
Low Input
EN Input Leakage
IEN
-1
+0.01
+1
μA
VEN = 0V or 5V
ON-Resistance
RON
-
100
145
IOUT = 500mA
Over-Current Threshold
ITH
1150
1275
1400
mA
Short Circuit Output Current
ISC
500
-
-
mA
VOUT = 0V, RMS
Output Discharge Resistance
RDISC
30
60
120
Ω
IDISC = 1mA
/OC Output Low Voltage
V/OC
-
-
0.4
V
I/OC = 0.5mA
UVLO Threshold
VTUVH
2.1
2.3
2.5
V
VIN Increasing
VTUVL
2.0
2.2
2.4
V
VIN Decreasing
AC Characteristics
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Output Rise Time
tON1
-
1
6
ms
RL = 100Ω
Output Turn ON Time
tON2
-
1.5
10
ms
RL = 100Ω
Output Fall Time
tOFF1
-
1
20
μs
RL = 100Ω
Output Turn OFF Time
tOFF2
-
3
40
μs
RL = 100Ω
/OC Delay Time
t/OC
10
15
20
ms
3/23
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300220-1-2
21.Aug.2014 Rev.003


Similar Part No. - BD2233G-GTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2233G ROHM-BD2233G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results

Similar Description - BD2233G-GTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD2062FJ ROHM-BD2062FJ_14 Datasheet
1Mb / 26P
   2.4A Current Limit High Side Switch ICs
BD2224G ROHM-BD2224G_14 Datasheet
1,013Kb / 26P
   0.75A Current Limit High Side Switch ICs
BD2240G ROHM-BD2240G_14 Datasheet
1,006Kb / 27P
   1.0A Current Limit High Side Switch ICs
BD82000FVJ-LB ROHM-BD82000FVJ-LB Datasheet
532Kb / 26P
   1.5A Current Limit High Side Switch ICs
BD82046FVJ ROHM-BD82046FVJ Datasheet
998Kb / 24P
   3.2A Current Limit High Side Switch ICs
26.MAY.2014 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com