Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2244G-MGTR Datasheet(PDF) 1 Page - Rohm

Part # BD2244G-MGTR
Description  1ch Adjustable Current Limit High Side Switch ICs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2244G-MGTR Datasheet(HTML) 1 Page - Rohm

  BD2244G-MGTR Datasheet HTML 1Page - Rohm BD2244G-MGTR Datasheet HTML 2Page - Rohm BD2244G-MGTR Datasheet HTML 3Page - Rohm BD2244G-MGTR Datasheet HTML 4Page - Rohm BD2244G-MGTR Datasheet HTML 5Page - Rohm BD2244G-MGTR Datasheet HTML 6Page - Rohm BD2244G-MGTR Datasheet HTML 7Page - Rohm BD2244G-MGTR Datasheet HTML 8Page - Rohm BD2244G-MGTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
.
1/25
TSZ02201-0GGG0H300050-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
22. Feb.2016 Rev.002
TSZ22111
• 14 • 001
www.rohm.com
1 Channel Compact High Side Switch ICs
1ch Adjustable Current Limit
High Side Switch ICs
BD2244G-M
BD2245G-M
General Description
BD2244G-M and BD2245G-M are low on-resistance
N-channel
MOSFET
high-side
power
switches,
optimized for Universal Serial Bus (USB) applications.
BD2244G-M and BD2245G-M are equipped with the
function of over-current detection, thermal shutdown,
under-voltage lockout and soft-start. Moreover, the range
of Current limit threshold can be adjusted from 0.2A to
1.7A by changing the external resistance
Features
 AEC-Q100 Qualified
 Adjustable Current Limit Threshold: 200mA to 1.7A
 Built-in Low On-Resistance (Typ 100m
Ω) N-channel
MOSFET Built-in
 Soft-Start Circuit
 Output Discharge Function
 Open-Drain Fault Flag Output
 Thermal Shutdown
 Under-Voltage Lockout
 Reverse Current Protection when Power Switch Off
 Control Input Logic
 Active-High:
BD2244G-M
 Active-Low:
BD2245G-M
Applications
Car accessory
Key Specifications
Input Voltage Range:
2.8V to 5.5V
On Resistance: (IN=5V)
100m
Ω(Typ)
Current Limit Threshold:
0.2A to 1.7A adjustable
Standby Current:
0.01
μA (Typ)
Operating Temperature Range:
-40°C to +85°C
Package
W(Typ) x D(Typ) x H(Max)
Typical Application Circuit
CL
120
μF
CIN
1
μF
IN
GND
EN
OUT
/OC
5V (Typ)
+
-
RLIM
ILIM
3.3V
10k
Ω to
100k
Ω
10
μF
Lineup
Output Load
Current
Adjustable
Current Limit
Threshold
Channel
Control input
logic
Package
Orderable Part Number
Max
1.5A
200mA to 1.7A
1ch
High
SSOP6
Reel of 3000
BD2244G
– MGTR
1.5A
200mA to 1.7A
1ch
Low
SSOP6
Reel of 3000
BD2245G
– MGTR
SSOP6
2.90mm x 2.80mm x 1.25mm
Figure 1. Typical Application Circuit
Datasheet


Similar Part No. - BD2244G-MGTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
More results

Similar Description - BD2244G-MGTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2222G ROHM-BD2222G Datasheet
764Kb / 30P
   1ch Adjustable Current Limit High Side Switch ICs
BD2242G ROHM-BD2242G Datasheet
993Kb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD22441G-C ROHM-BD22441G-C Datasheet
1Mb / 28P
   Automotive 1ch Adjustable Current Limit High Side Switch ICs
11.Apr.2022 Rev.004
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD2062FJ ROHM-BD2062FJ_14 Datasheet
1Mb / 26P
   2.4A Current Limit High Side Switch ICs
BD2224G ROHM-BD2224G_14 Datasheet
1,013Kb / 26P
   0.75A Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com