Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8174MUV Datasheet(PDF) 2 Page - Rohm

Part # BD8174MUV
Description  Output voltage fixed-type Multi-channel System Power Supply IC
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8174MUV Datasheet(HTML) 2 Page - Rohm

  BD8174MUV Datasheet HTML 1Page - Rohm BD8174MUV Datasheet HTML 2Page - Rohm BD8174MUV Datasheet HTML 3Page - Rohm BD8174MUV Datasheet HTML 4Page - Rohm BD8174MUV Datasheet HTML 5Page - Rohm BD8174MUV Datasheet HTML 6Page - Rohm BD8174MUV Datasheet HTML 7Page - Rohm BD8174MUV Datasheet HTML 8Page - Rohm BD8174MUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
2/38
TSZ02201-0313AAZ00670-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
17.Feb.2016 Rev.001
www.rohm.com
TSZ22111・15・001
BD8174MUV
Typical Application Circuit (1)
1.
VCC12V input application
2.
Startup sequence
VIN input
VDD1
VLS
VGL
VGH
GS
PG
(Step-down)
(Step-up)
(Negative charge pump)
(Positive charge pump)
LVLDO
HVLDO (15.2V)
DAC Control
DAC OUT
VCOM
3.
Power up sequence
VIN(12V)
VDD(3.3V)
VLS(15.6V)
HVLDO(15.2V)
VGH(35.2V)
VGL(-6V)
VCOM
DAC Control
DAC OUT
GS logic
PG
LVLDO(1.2/1.5/1.8V)
2m(typ)
80%
VIN
(12V)
COM
CTL
THR
OUT0
PG
LVCTL
VLS
VGH
(35.2V)
VGL
(-6V)
LVLDO
(1.2/1.5/1.8V)
VDD
(3.3V)
HVLDO
VCOM
PVCC2
COM
DRN
CTL
THR
INP
INN
VCOM
HVLDO
FBLD1
DACGND
SCP
OUT0
PG
BOOT
LVCTL
FB1
COMP1
PGND1
PGND1
SW1
SW1
LSO1
LSO1
BD8174MUV
VDD


Similar Part No. - BD8174MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8179MUV ROHM-BD8179MUV Datasheet
409Kb / 13P
   5V Input Multi-channel System Power Supply IC
More results

Similar Description - BD8174MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BM81028AMWV ROHM-BM81028AMWV Datasheet
1Mb / 48P
   Multi-Channel System Power Supply IC
logo
ON Semiconductor
LV5682P ONSEMI-LV5682P Datasheet
203Kb / 15P
   Multi-Power Supply System IC
July, 2013
logo
Rohm
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
   Multi-channel System Power Supply IC Gamma Buffer
BD8153EFV ROHM-BD8153EFV Datasheet
445Kb / 18P
   5V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV Datasheet
422Kb / 19P
   12V Input Multi-channel System Power Supply IC
BD8179MUV ROHM-BD8179MUV Datasheet
409Kb / 13P
   5V Input Multi-channel System Power Supply IC
BD8166EFV ROHM-BD8166EFV Datasheet
447Kb / 18P
   12V Input Multi-channel System Power Supply IC
BD9862MUV ROHM-BD9862MUV Datasheet
542Kb / 17P
   5V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV_15 Datasheet
966Kb / 21P
   12V Input Multi-channel System Power Supply IC
BM81110MUW ROHM-BM81110MUW Datasheet
3Mb / 50P
   12V Input Multi-Channel System Power Supply IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com