Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9631GU Datasheet(PDF) 6 Page - Rohm

Part # BD9631GU
Description  Switching Regulator ICs
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9631GU Datasheet(HTML) 6 Page - Rohm

Back Button BD9631GU Datasheet HTML 2Page - Rohm BD9631GU Datasheet HTML 3Page - Rohm BD9631GU Datasheet HTML 4Page - Rohm BD9631GU Datasheet HTML 5Page - Rohm BD9631GU Datasheet HTML 6Page - Rohm BD9631GU Datasheet HTML 7Page - Rohm BD9631GU Datasheet HTML 8Page - Rohm BD9631GU Datasheet HTML 9Page - Rohm BD9631GU Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
BD9631GU
6/25
TSZ02201-0313AA400610-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
26.Apr.2016 Rev.001
www.rohm.com
TSZ22111・15・001
Electrical Characteristics
–continued
(Unless otherwise specified, VVBAT=VVBAT3,4,5,6,8=3.7[V], VOUT1 Input terminal=4.2[V], Ta=25[°C])
Parameter
Symbol
Limit
Unit
Conditions
MIN
TYP
MAX
【CH2】
Reference Voltage
VREF2
0.29
0.30
0.31
V
Startup period 85%
tSS2
0.51
1.28
2.05
ms
Startup Period 100%
1.5[ms](TYP)
PMOS ON-Resistance
RONP2
-
1.20
1.95
Ω
Power Supply 3.7[V]
【CH3】
Error Amp Reference
Voltage
VEREF3
0.39
0.40
0.41
V
Soft-start Period 85%
tSS3
0.425
0.85
1.70
ms
Soft-start Period 100%
1.0[ms](TYP)
PMOS ON-Resistance
RONP3
-
0.45
0.70
Ω
Power Supply 3.7[V]
NMOS ON-Resistance
RONN3
-
0.30
0.55
Ω
Power Supply 3.7[V]
【CH4】
Error Amp Reference
Voltage
VEREF4
0.39
0.40
0.41
V
Soft-start Period 85%
tSS4
1.07
2.13
4.26
ms
Soft-start Period 100%
2.5[ms](TYP)
PMOS
ON-Resistance
DOWN side
RONPD4
-
0.45
0.70
Ω
Power Supply 3.7[V]
NMOS
ON-Resistance
DOWN side
RONND4
-
0.30
0.55
Ω
Power Supply 3.7[V]
PMOS ON-Resistance
UP side
RONPU4
-
0.45
0.70
Ω
Power Supply 3.7[V]
NMOS ON-Resistance
UP side
RONNU4
-
0.30
0.55
Ω
Power Supply 3.7[V]
Maximum Duty
DMAX4
65
80
95
%
【CH5】
Error Amp Reference
Voltage
VEREF5
0.39
0.40
0.41
V
Soft-start Period 85%
tSS5
1.75
3.5
7.0
ms
Soft-start Period 100%
4.12[ms](TYP)
PMOS ON-Resistance
RONP5
-
0.35
0.60
Ω
Power Supply 3.7[V]
NMOS ON-Resistance
RONN5
-
0.35
0.60
Ω
Power Supply 3.7[V]
Maximum Duty
DMAX5
76.5
-
-
%
【CH6】
Error Amp Reference
Voltage 1
VEREF6
0.386
0.40
0.414
V
Constant voltage control side
Error Amp Reference
Voltage 2
VEREF6.1
0.386
0.40
0.414
V
Constant current control side
Soft-start Period 85%
tSS6
2.55
5.10
10.2
ms
Soft-start Period 100%
6.0[ms](TYP)
Load Switch
ON-Resistance
RONP6
-
0.40
0.65
Ω
Power Supply 3.7[V]
Maximum Duty
DMAX6
87
-
-
%
【CH7】
Error Amp Reference
Voltage
VEREF7
0.983
1.00
1.017
V
Soft-start Period 85%
tSS7
2.55
5.10
10.2
ms
Soft-start Period 100%
6.0[ms](TYP)
PMOS ON-Resistance
RONP7
-
4.00
6.40
Ω
Power Supply 3.7[V]
NMOS ON-Resistance
RONN7
-
0.70
1.12
Ω
Power Supply 3.7[V]
Maximum Duty
DMAX7
87
-
-
%
【CH8】
Error Amp Reference
Voltage
VEREF8
0.978
1.00
1.022
V
Refer to P.16 for Output Voltage accuracy
Soft-start Period 85%
tSS8
2.55
5.10
10.2
ms
Soft-start Period 100%
6.0[ms](TYP)
Maximum Duty
DMAX8
87
-
-
%


Similar Part No. - BD9631GU

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9634GU ROHM-BD9634GU Datasheet
2Mb / 30P
   Switching Regulator ICs
BD9634GU-E2 ROHM-BD9634GU-E2 Datasheet
2Mb / 30P
   Switching Regulator ICs
BD9639MWV ROHM-BD9639MWV Datasheet
219Kb / 5P
   Semiconductor integrated circuit
BD9639MWV ROHM-BD9639MWV Datasheet
219Kb / 5P
   Semiconductor integrated circuit
BD9639MWV-E2 ROHM-BD9639MWV-E2 Datasheet
2Mb / 26P
   Switching Regulator ICs
More results

Similar Description - BD9631GU

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9639MWV ROHM-BD9639MWV_16 Datasheet
2Mb / 26P
   Switching Regulator ICs
BD9634GU ROHM-BD9634GU Datasheet
2Mb / 30P
   Switching Regulator ICs
logo
Sanken electric
STR-A607XM SANKEN-STR-A607XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-A606XHD SANKEN-STR-A606XHD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151D ALLEGRO-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR-A6000M ALLEGRO-STR-A6000M Datasheet
277Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A606XH SANKEN-STR-A606XH Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR3A151D SANKEN-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR3A151 SANKEN-STR3A151 Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151 ALLEGRO-STR3A151 Datasheet
264Kb / 14P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com