Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9639MWV Datasheet(PDF) 4 Page - Rohm

Part # BD9639MWV
Description  Switching Regulator ICs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9639MWV Datasheet(HTML) 4 Page - Rohm

  BD9639MWV_16 Datasheet HTML 1Page - Rohm BD9639MWV_16 Datasheet HTML 2Page - Rohm BD9639MWV_16 Datasheet HTML 3Page - Rohm BD9639MWV_16 Datasheet HTML 4Page - Rohm BD9639MWV_16 Datasheet HTML 5Page - Rohm BD9639MWV_16 Datasheet HTML 6Page - Rohm BD9639MWV_16 Datasheet HTML 7Page - Rohm BD9639MWV_16 Datasheet HTML 8Page - Rohm BD9639MWV_16 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
BD9639MWV
4/22
TSZ02201-0313AA400630-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
09.Feb.2016 Rev.001
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
Supply Voltage Permissible Voltage
VVBAT
-0.3 to +7
V
VVBAT2
VVBAT3
VVBAT4
VVBAT5
VVBAT6
SW6 Permissible Voltage
VSW6
24.0
V
OUT1 Permissible Current Output
IOUT1
1.0
A
SW1 Permissible Current Output
ISW1
1.0
A
SW2 Permissible Current Output
ISW2
2.0
A
OUT3 Permissible Current Output
IOUT3
1.0
A
DSW3 Permissible Current Output
IDSW3
1.0
A
USW3 Permissible Current Output
IUSW3
1.0
A
OUT4 Permissible Current Output
IOUT4
1.0
A
DSW4 Permissible Current Output
IDSW4
1.0
A
USW4 Permissible Current Output
IUSW4
1.0
A
SW5 Permissible Current Output
ISW5
1.0
A
SW6 Permissible Current Output
ISW6
0.2
A
Power Dissipation
Pd
4.83 (Note 1)
W
Operating Temperature Range
Topr
-20 to +85
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Junction Temperature
Tjmax
+150
°C
(Note 1) Implemented on Glass epoxy board (ROHM standard board : 74.2 x 74.2 x 1.6[mm3] 4 layers(Copper foil : 5502 m2)
Power dissipation depends on the mounted wiring pattern.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Recommended Operating Conditions
Parameter
Symbol
Limit
Unit
Min
Typ
Max
VBAT Supply Voltage
VVBAT
2.5
3.7
5.5
V
VVBAT2
2.5
3.7
5.5
V
VVBAT3
2.5
3.7
5.5
V
VVBAT4
2.5
3.7
5.5
V
VVBAT5
2.5
3.7
5.5
V
VVBAT6
2.5
3.7
5.5
V


Similar Part No. - BD9639MWV_16

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9639MWV ROHM-BD9639MWV_11 Datasheet
219Kb / 5P
   Semiconductor integrated circuit
More results

Similar Description - BD9639MWV_16

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9634GU ROHM-BD9634GU Datasheet
2Mb / 30P
   Switching Regulator ICs
BD9631GU ROHM-BD9631GU Datasheet
2Mb / 29P
   Switching Regulator ICs
logo
Sanken electric
STR-A607XM SANKEN-STR-A607XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-A606XHD SANKEN-STR-A606XHD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151D ALLEGRO-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR-A6000M ALLEGRO-STR-A6000M Datasheet
277Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A606XH SANKEN-STR-A606XH Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR3A151D SANKEN-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR3A151 SANKEN-STR3A151 Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151 ALLEGRO-STR3A151 Datasheet
264Kb / 14P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com