Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9639MWV-E2 Datasheet(PDF) 8 Page - Rohm

Part # BD9639MWV-E2
Description  Switching Regulator ICs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9639MWV-E2 Datasheet(HTML) 8 Page - Rohm

Back Button BD9639MWV-E2 Datasheet HTML 4Page - Rohm BD9639MWV-E2 Datasheet HTML 5Page - Rohm BD9639MWV-E2 Datasheet HTML 6Page - Rohm BD9639MWV-E2 Datasheet HTML 7Page - Rohm BD9639MWV-E2 Datasheet HTML 8Page - Rohm BD9639MWV-E2 Datasheet HTML 9Page - Rohm BD9639MWV-E2 Datasheet HTML 10Page - Rohm BD9639MWV-E2 Datasheet HTML 11Page - Rohm BD9639MWV-E2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
BD9639MWV
8/22
TSZ02201-0313AA400630-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
09.Feb.2016 Rev.001
(4) CH1
(a) Function
Selectable PWM/PFM boost DC/DC converter.
Output voltage is ranges from 3.7[V] to 5.5[V].
Low voltage operation starts up from 2.5[V] and also provides supply voltage to VREF circuit.
(b) Recommended External Components (At the time of setting when VOUT1=5.0V)
Parts Name
Value
Maker
Part Number
R11
620[kΩ] +24[kΩ]
-
-
R12
56[kΩ]
-
-
R13
10[Ω]
-
-
C11
22[µF]
(x2)
Taiyo Yuden
JMK212BJ226MG
C12
10[µF]
Taiyo Yuden
JMK212BJ106KG
C13
100[pF]
Taiyo Yuden
UMK1005CH101JV
C14
1[µF]
Taiyo Yuden
JMK105BJ105KV
L11
2.2[µH]
Taiyo Yuden
NR4018T2R2N
D11
-
ROHM
RB060M-30
(c) Start-up Sequence
(d) PWM/PFM
Select PWM/PFM (operation of XSHDN=HIGH and XSHDN24) with light load (10mA or less).
Electricity is discharged
XSHDN1
0[V]
H input voltage
OUT1
0[V]
≈ VBAT[V]
VBAT
2.5[V] to 5.5[V]
Soft start period
according to the load.
0[V]
3.7[V] to 5.5[V]
PFM operation
XSHDN24
3.7[V]to 5.5[V]
OUT1
(Load 5mA or less)
PWM operation
(Load 5mA or less)
PFM operation
0[V]
H input voltage
FB1
VOUT1
VOUT1
PFM
PWM
C13
R11
R12
0.4[V]
PRE
DRIVER
Start up circuit
SW1
PGND1
VOUT1
C11
VBAT
L11
PWM/PFM
VBAT
C14
VBAT
MAX.
DUTY
D11
R13
C12
OUT1
OUT1
OUT1
MAX


Similar Part No. - BD9639MWV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9639MWV ROHM-BD9639MWV Datasheet
219Kb / 5P
   Semiconductor integrated circuit
BD9639MWV ROHM-BD9639MWV Datasheet
219Kb / 5P
   Semiconductor integrated circuit
BD9639MWV ROHM-BD9639MWV_11 Datasheet
219Kb / 5P
   Semiconductor integrated circuit
More results

Similar Description - BD9639MWV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9634GU ROHM-BD9634GU Datasheet
2Mb / 30P
   Switching Regulator ICs
BD9631GU ROHM-BD9631GU Datasheet
2Mb / 29P
   Switching Regulator ICs
logo
Sanken electric
STR-A607XM SANKEN-STR-A607XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-A606XHD SANKEN-STR-A606XHD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151D ALLEGRO-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR-A6000M ALLEGRO-STR-A6000M Datasheet
277Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A606XH SANKEN-STR-A606XH Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR3A151D SANKEN-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR3A151 SANKEN-STR3A151 Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151 ALLEGRO-STR3A151 Datasheet
264Kb / 14P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com