Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD81026MUV-E2 Datasheet(PDF) 3 Page - Rohm

Part # BD81026MUV-E2
Description  Gamma voltage generated IC with built-in DAC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD81026MUV-E2 Datasheet(HTML) 3 Page - Rohm

  BD81026MUV-E2 Datasheet HTML 1Page - Rohm BD81026MUV-E2 Datasheet HTML 2Page - Rohm BD81026MUV-E2 Datasheet HTML 3Page - Rohm BD81026MUV-E2 Datasheet HTML 4Page - Rohm BD81026MUV-E2 Datasheet HTML 5Page - Rohm BD81026MUV-E2 Datasheet HTML 6Page - Rohm BD81026MUV-E2 Datasheet HTML 7Page - Rohm BD81026MUV-E2 Datasheet HTML 8Page - Rohm BD81026MUV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3/18
TSZ02201-0313AAF00660-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
19.Feb.2016 Rev.001
www.rohm.com
TSZ22111・15・001
BD81026MUV
Pin Configuration
Pin Description
PIN
No.
Pin name
Function
PIN
No.
Pin name
Function
1
OUT5
Gamma output pin 5
13
LD
Latch pin
(Note 1)
2
OUT4
Gamma output pin 4
14
SCL
Serial clock input pin
3
OUT3
Gamma output pin 3
15
SDA
Serial data input pin
4
OUT2
Gamma output pin 2
16
A0
Device address switching pin
5
OUT1
Gamma output pin 1
17
BKSEL
BANK select pin (Note 2)
L : BANK A select
H : BANK B select
6
OUT0
Gamma output pin 0
18
PGND
DAC output buffer amplifier GND input
7
VCC
Buffer amplifier power supply input
for DAC output
19
OUT11
Gamma output pin 11
8
AGND
Logic, Analog GND input
20
OUT10
Gamma output pin 10
9
VDD
Logic, Analog power supply input
21
OUT9
Gamma output pin 9
10
MODE
BKSEL/LD mode switching pin
L : BKSEL writing mode select
H : LD writing mode select
22
OUT8
Gamma output pin 8
11
N.C.
-
23
OUT7
Gamma output pin 7
12
N.C.
-
24
OUT6
Gamma output pin 6
(Note 1) When Data writing function by LD pin control is not used, please connect LD pin to GND.
(Note 2) When Data writing function by BKSEL pin control is not used, please connect BKSEL pin to GND.
TOP VIEW
1
2
3
4
5
6


Similar Part No. - BD81026MUV-E2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD810 ONSEMI-BD810 Datasheet
49Kb / 8P
   POWER TRANSISTORS PNP SILICON
April, 2002 ??Rev. 1
logo
Savantic, Inc.
BD810 SAVANTIC-BD810 Datasheet
91Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
BD810 JMNIC-BD810 Datasheet
127Kb / 1P
   Silicon PNP Transistors
logo
ON Semiconductor
BD810 ONSEMI-BD810 Datasheet
86Kb / 5P
   Plastic High Power Silicon Transistor
November, 2007 - Rev. 4
logo
Inchange Semiconductor ...
BD810 ISC-BD810 Datasheet
132Kb / 3P
   Silicon PNP Power Transistors
More results

Similar Description - BD81026MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD81010MUV ROHM-BD81010MUV Datasheet
1Mb / 22P
   Gamma voltage generated IC with built-in DAC
BD8149MUV ROHM-BD8149MUV Datasheet
1Mb / 21P
   Gamma voltage generated IC
BD8143MUV ROHM-BD8143MUV Datasheet
332Kb / 11P
   High-precision Gamma Correction IC with built-in DAC
BD8132FV ROHM-BD8132FV_09 Datasheet
601Kb / 21P
   High-precision Gamma Correction ICs with built-in DAC
logo
Asahi Kasei Microsystem...
AK4365 AKM-AK4365 Datasheet
393Kb / 38P
   DAC with built-in PLL & HP-AMP
AK4372 AKM-AK4372 Datasheet
1Mb / 62P
   DAC with built-in PLL & HP-AMP
AK4368EG AKM-AK4368EG Datasheet
800Kb / 60P
   DAC with built-in PLL & HP-AMP
AK4371 AKM-AK4371 Datasheet
870Kb / 62P
   DAC with built-in PLL & HP-AMP
AKD4342-B AKM-AKD4342-B Datasheet
1Mb / 52P
   24bit DAC with built-in 2Vrms lineout
logo
Panasonic Semiconductor
GN01094B PANASONIC-GN01094B Datasheet
30Kb / 2P
   GaAs IC (with built-in ferroelectric)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com