Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM81028AMWV-ZE2 Datasheet(PDF) 2 Page - Rohm

Part # BM81028AMWV-ZE2
Description  Multi-Channel System Power Supply IC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM81028AMWV-ZE2 Datasheet(HTML) 2 Page - Rohm

  BM81028AMWV-ZE2 Datasheet HTML 1Page - Rohm BM81028AMWV-ZE2 Datasheet HTML 2Page - Rohm BM81028AMWV-ZE2 Datasheet HTML 3Page - Rohm BM81028AMWV-ZE2 Datasheet HTML 4Page - Rohm BM81028AMWV-ZE2 Datasheet HTML 5Page - Rohm BM81028AMWV-ZE2 Datasheet HTML 6Page - Rohm BM81028AMWV-ZE2 Datasheet HTML 7Page - Rohm BM81028AMWV-ZE2 Datasheet HTML 8Page - Rohm BM81028AMWV-ZE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
Datasheet
Datasheet
2/44
TSZ02201-0313AAF00430-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
12.May.2015 Rev.003
www.rohm.com
TSZ22111・15・001
BM81028AMWV
Pin Configuration
Pin Descriptions
Pin
No.
Pin
Name
Function
Pin
No.
Pin
Name
Function
1
DRN
Negative charge pump driver pin
15
SWB1
Step-down DC/DC switching pin 1
2
AVDDP
AVDD input
16
PVCC1
Step-down DC/DC power supply input
3
HAVDD
HAVDD amplifier output
17
SWB2
Step-down DC/DC switching pin 2
4
VCOM
VCOM amplifier output
18
PGND2
Step-down/-up DC/DC ground
5
GND
Ground
19
SW
Step-up DC/DC switching pin
6
FAULT
FAULT signal output
20
AVDD
Step-up DC/DC output
7
VCC
Power supply input
21
AVDD_S
Step-up DC/DC output feedback
8
SCL
Serial clock input (I2C)
22
PVCC2
Step-up DC/DC load switch input
9
SDA
Serial clock data input (I2C)
23
VLSO
Step-up DC/DC load switch output
10
EN
Enable input
24
VGL
Negative charge pump feedback
11
VREG
Inner power supply output
25
CPGND
Charge pump ground
12
VDD2
Step-down DC/DC output feedback input 2
26
VGH
Positive charge pump feedback
13
VDD1
Step-down DC/DC output feedback input 1
27
CPP
Built-in Positive charge pump switching Di output
14
PGND1
Step-down DC/DC ground
28
DRP
Positive charge pump driver pin
Fig.2 Pin Configuration


Similar Part No. - BM81028AMWV-ZE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM81004MUV ROHM-BM81004MUV Datasheet
3Mb / 52P
   Positive charge pump controller
More results

Similar Description - BM81028AMWV-ZE2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV5682P ONSEMI-LV5682P Datasheet
203Kb / 15P
   Multi-Power Supply System IC
July, 2013
logo
Rohm
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
   Multi-channel System Power Supply IC Gamma Buffer
BD8153EFV ROHM-BD8153EFV Datasheet
445Kb / 18P
   5V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV Datasheet
422Kb / 19P
   12V Input Multi-channel System Power Supply IC
BD8179MUV ROHM-BD8179MUV Datasheet
409Kb / 13P
   5V Input Multi-channel System Power Supply IC
BD8166EFV ROHM-BD8166EFV Datasheet
447Kb / 18P
   12V Input Multi-channel System Power Supply IC
BD9862MUV ROHM-BD9862MUV Datasheet
542Kb / 17P
   5V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV_15 Datasheet
966Kb / 21P
   12V Input Multi-channel System Power Supply IC
BM81110MUW ROHM-BM81110MUW Datasheet
3Mb / 50P
   12V Input Multi-Channel System Power Supply IC
BD8174MUV ROHM-BD8174MUV Datasheet
2Mb / 42P
   Output voltage fixed-type Multi-channel System Power Supply IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com