Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM81110MUW Datasheet(PDF) 9 Page - Rohm

Part # BM81110MUW
Description  12V Input Multi-Channel System Power Supply IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM81110MUW Datasheet(HTML) 9 Page - Rohm

Back Button BM81110MUW Datasheet HTML 5Page - Rohm BM81110MUW Datasheet HTML 6Page - Rohm BM81110MUW Datasheet HTML 7Page - Rohm BM81110MUW Datasheet HTML 8Page - Rohm BM81110MUW Datasheet HTML 9Page - Rohm BM81110MUW Datasheet HTML 10Page - Rohm BM81110MUW Datasheet HTML 11Page - Rohm BM81110MUW Datasheet HTML 12Page - Rohm BM81110MUW Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
9/46
TSZ02201-0313AAF00410-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
2015.08.10 Rev.002
www.rohm.com
TSZ22111
• 15 • 001
BM81110MUW
Electrical Characteristics
(Unless otherwise specified, Ta=25℃, AVIN,VINB1,VINB3=12V, VINB2=3.3V)
Parameter
Symbol
Limits
Unit
Condition
MIN
TYP
MAX
【 BUCK CONVERTER 1 (VIO) 】
Output Voltage Range
VIO
2.2
-
3.7
V
0.1V step
Regulation Voltage
VIO_R
2.45
2.5
2.55
V
Data:03h
Hi-Side SWB1 Leak Current
ILK_
SWB1H
-
0
10
uA
SWB1=0V
Hi-Side SWB1 ON-Resistance
RON_
SWB1H
-
200
300
SWB1=-500mA
SWB1 Current Limit
ILIM_
SWB1
2.8
3.5
4.2
A
L=10uH
VIO Over-Voltage Protection
VOVP_
VIO
-
VIO
x 1.1
-
V
VIO UVP Detecting Voltage
VUVP_
VIO
-
VIO
x 0.8
-
V
Frequency 1/4
Soft Start Time
TSS_VIO
-
3
-
msec
VIO=3.0V
【 BUCK CONVERTER 2 (VCORE) 】
Output Voltage Range
VCORE
0.8
-
3.3
V
0.1V step
Regulation Voltage
VCORE_R
0.98
1.0
1.02
V
Data:02h
Hi-Side SWB2 Leak Current
ILK_
SWB2H
-
0
10
uA
SWB2=0V
Hi-Side SWB2 ON-Resistance
RON_
SWB2H
-
175
300
SWB2=-500mA
Lo-Side SWB2 Leak Current
ILK_
SWB2L
-
0
10
uA
SWB2=7V
Lo-Side SWB2 ON-Resistance
RON_
SWB2L
-
175
300
SWB2=500mA
SWB2 Current Limit
ILIM_
SWB2
2.0
3.0
4.0
A
L=10uH
VCORE Over-Voltage
Protection
VOVP_
VCORE
-
VCORE
x 1.1
-
V
VCORE UVP Detecting Voltage
VUVP_
VCORE
-
VCORE
x 0.8
-
V
Frequency 1/4
Soft Start Time
TSS_
VCORE
-
4
-
msec
VCORE=2.0V
【 BUCK CONVERTER 3 (HAVDD) 】
Output Voltage Range
HAVDD
4.8
-
11.1
V
0.1V step
Regulation Voltage
HAVDD_R
7.3875
7.5
7.6125
V
Data:1Bh
Hi-Side SWB3 Leak Current
ILK_
SWB3H
-
0
10
uA
SWB3=0V
Hi-Side SWB3 ON-Resistance
RON_
SWB3H
-
300
500
SWB3=-500mA
Lo-Side SWB3 Leak Current
ILK_
SWB3L
-
0
10
uA
SWB3=24V
Lo-Side SWB3 ON-Resistance
RON_
SWB3L
-
300
500
SWB3=500mA
SWB3 Current Limit
ILIM_
SWB3
1.0
1.5
2.0
A
L=10uH
HAVDD Over-Voltage
Protection
VOVP_
HAVDD
-
HAVDD
x 1.1
-
V
HAVDD UVP Detecting Voltage
VUVP_
HAVDD
-
HAVDD
x 0.8
-
V
Frequency 1/4


Similar Part No. - BM81110MUW

ManufacturerPart #DatasheetDescription
logo
Rohm
BM81004MUV ROHM-BM81004MUV Datasheet
3Mb / 52P
   Positive charge pump controller
BM81028AMWV ROHM-BM81028AMWV Datasheet
1Mb / 48P
   Multi-Channel System Power Supply IC
BM81028AMWV-ZE2 ROHM-BM81028AMWV-ZE2 Datasheet
1Mb / 48P
   Multi-Channel System Power Supply IC
BM81202 ROHM-BM81202 Datasheet
1Mb / 48P
   Multi-Channel System Power Supply IC
BM81810MUF-M ROHM-BM81810MUF-M Datasheet
3Mb / 78P
   Automotive Panel Power Management IC
More results

Similar Description - BM81110MUW

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8160AEFV ROHM-BD8160AEFV Datasheet
422Kb / 19P
   12V Input Multi-channel System Power Supply IC
BD8166EFV ROHM-BD8166EFV Datasheet
447Kb / 18P
   12V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV_15 Datasheet
966Kb / 21P
   12V Input Multi-channel System Power Supply IC
BD8153EFV ROHM-BD8153EFV Datasheet
445Kb / 18P
   5V Input Multi-channel System Power Supply IC
BD8179MUV ROHM-BD8179MUV Datasheet
409Kb / 13P
   5V Input Multi-channel System Power Supply IC
BD9862MUV ROHM-BD9862MUV Datasheet
542Kb / 17P
   5V Input Multi-channel System Power Supply IC
BM81028AMWV ROHM-BM81028AMWV Datasheet
1Mb / 48P
   Multi-Channel System Power Supply IC
logo
ON Semiconductor
LV5682P ONSEMI-LV5682P Datasheet
203Kb / 15P
   Multi-Power Supply System IC
July, 2013
logo
Rohm
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
   Multi-channel System Power Supply IC Gamma Buffer
BD8163EFV ROHM-BD8163EFV Datasheet
562Kb / 22P
   5V Input Multi-channel System Power Supply ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com