Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9110 Datasheet(PDF) 5 Page - Microchip Technology

Part # HV9110
Description  High-Voltage Current-Mode PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9110 Datasheet(HTML) 5 Page - Microchip Technology

  HV9110 Datasheet HTML 1Page - Microchip Technology HV9110 Datasheet HTML 2Page - Microchip Technology HV9110 Datasheet HTML 3Page - Microchip Technology HV9110 Datasheet HTML 4Page - Microchip Technology HV9110 Datasheet HTML 5Page - Microchip Technology HV9110 Datasheet HTML 6Page - Microchip Technology HV9110 Datasheet HTML 7Page - Microchip Technology HV9110 Datasheet HTML 8Page - Microchip Technology HV9110 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
 2016 Microchip Technology Inc.
DS20005505A-page 5
HV9110/HV9112/HV9113
Note 1: Design guidance only; Not 100% tested in production.
2: Stray capacitance on OSC input pin must be ≤5 pF.
ERROR AMPLIFIER
Feedback Voltage
HV9110/13
VFB
3.96
4
4.04
V
VFB shorted to COMP
HV9112
3.92
4
4.08
Input Bias Current
IIN
25
500
nA
VFB = 4V
Input Offset Voltage
VOS
Nulled during trim
Open-loop Voltage Gain
AVOL
60
80
dB
(Note 1)
Unity Gain Bandwidth
GB
1
1.3
MHz
(Note 1)
Output Source Current
ISOURCE
–1.4
–2
mA
VFB = 3.4V
Output Sink Current
ISINK
0.12
0.15
mA
VFB = 4.5V
HIGH-VOLTAGE REGULATOR AND START-UP
Input Voltage
HV9110/13
VIN
120
V
IIN < 10 µA; VCC > 9.4V
HV9112
80
Input Leakage Current
IIN
10
μA
VDD > 9.4V
Regulator Turn-off Threshold Voltage
VTH
8
8.7
9.4
V
IIN = 10 µA
Undervoltage Lockout
VLOCK
7
8.1
8.9
V
SUPPLY
Supply Current
IDD
0.75
1
mA
CL < 75 pF
Quiescent Supply Current
IQ
0.55
mA
VNSD = 0V
Nominal Bias Current
IBIAS
20
μA
Operating Range
VDD
9
13.5
V
SHUTDOWN LOGIC
Shutdown Delay
tSD
50
100
ns
CL= 500 pF, VCS= 0V
(Note 1)
NSD Pulse Width
tSW
50
ns
(Note 1)
RST Pulse Width
tRW
50
ns
(Note 1)
Latching Pulse Width
tLW
25
ns
VNSD, VRST = 0V(Note 1)
Input Low Voltage
VIL
2
V
Input High Voltage
VIH
7
V
Input Current, Input High Voltage
IIH
1
5
μA
VIN = VDD
Input Current, Input Low Voltage
IIL
–25
–35
μA
VIN = 0V
OUTPUT
Output High Voltage HV9110/13
VOH
VDD–0.25
V
IOUT = 10 mA
HV9112
VDD–0.3
HV9110/13
VDD–0.3
IOUT = 10 mA,
TA = –55°C to 125°C
Output Low Voltage
All
VOL
0.2
V
IOUT = –10 mA
HV9110/13
0.3
IOUT = –10 mA,
TA = –55°C to 125°C
Output Resistance
Pull up
ROUT
15
25
IOUT = ±10 mA
Pull down
8
20
Pull up
20
30
IOUT = ±10 mA,
TA = –55°C to 125°C
Pull down
10
30
Rise Time
tR
30
75
ns
CL = 500 pF (Note 1)
Fall Time
tF
20
75
ns
CL = 500 pF (Note 1)
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: VDD = 10V, VIN = 48V, VDISC = 0V, RBIAS = 390 kΩ, ROSC = 330 kΩ, TA= 25°C unless otherwise noted.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions


Similar Part No. - HV9110

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9110 SUTEX-HV9110 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
HV9110NG SUTEX-HV9110NG Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9110NG-G SUTEX-HV9110NG-G Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
HV9110P SUTEX-HV9110P Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
More results

Similar Description - HV9110

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
   High-Voltage, Current-Mode, PWM Controller
07/14/15
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9123 SUTEX-HV9123_14 Datasheet
649Kb / 11P
   High-Voltage,Current-Mode PWM Controller
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
   High Voltage Current Mode PWM Controller
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
HV9123NG-G SUTEX-HV9123NG-G Datasheet
951Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9113 SUTEX-HV9113_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com