Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9120P-G-M901 Datasheet(PDF) 5 Page - Microchip Technology

Part # HV9120P-G-M901
Description  High-Voltage, Current-Mode, PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9120P-G-M901 Datasheet(HTML) 5 Page - Microchip Technology

  HV9120P-G-M901 Datasheet HTML 1Page - Microchip Technology HV9120P-G-M901 Datasheet HTML 2Page - Microchip Technology HV9120P-G-M901 Datasheet HTML 3Page - Microchip Technology HV9120P-G-M901 Datasheet HTML 4Page - Microchip Technology HV9120P-G-M901 Datasheet HTML 5Page - Microchip Technology HV9120P-G-M901 Datasheet HTML 6Page - Microchip Technology HV9120P-G-M901 Datasheet HTML 7Page - Microchip Technology HV9120P-G-M901 Datasheet HTML 8Page - Microchip Technology HV9120P-G-M901 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
 2016 Microchip Technology Inc.
DS20005519A-page 5
HV9120/HV9123
Note 1: Design guidance only; Not 100% tested in production.
2: Stray capacitance on OSC in pin must be ≤ 5 pF.
Error Amplifier
Feedback voltage
VFB
3.92
4.00
4.08
V
FB shorted to COMP
Input bias current
IIN
-
25
500
nA
VFB= 4.0V
Input offset voltage
VOS
nulled during trim
-
Open loop voltage gain
AVOL
60
80
-
dB
(Note 1)
Unity gain bandwidth
GB
1.0
1.3
-
MHz
(Note 1)
Output source current
ISOURCE
-1.4
-2.0
-
mA
VFB= 3.4V
Output sink current
ISINK
0.12
0.15
-
mA
VFB= 4.5V
High-voltage Regulator and Start-up
Input voltage
VIN
10
-
450
V
IIN< 10 µA; VCC> 9.4V
Input leakage current
IIN
--
10
μAVDD> 9.4V
Regulator turn-off threshold
voltage
VTH
8.0
8.7
9.4
V
IIN= 10 µA
Undervoltage lockout
VLOCK
7.0
8.1
8.9
V
Supply
Supply current
IDD
-
0.75
1.3
mA
CL< 75 pF
Quiescent supply current
IQ
-0.55-
mA
VNSD = 0V
Nominal bias current
IBIAS
-20-
μA–
Operating range
VDD
9.0
-
13.5
V
Shutdown Logic
Shutdown delay
tSD
-50
100
ns
CL= 500 pF, VCS= 0V (Note 1)
NSD pulse width
tSW
50
-
-
ns
(Note 1)
RST pulse width
tRW
50
-
-
ns
(Note 1)
Latching pulse width
tLW
25
-
-
ns
VNSD, VRST =0V(Note 1)
Input low voltage
VIL
--
2.0
V
Input high voltage
VIH
7.0
-
-
V
Input current, input high voltage
IIH
-1.0
5.0
μAVIN= VDD
Input current, input low voltage
IIL
--25
-35
μAVIN= 0V
Output
Output high voltage
VOH
VDD-
0.25
--
VIOUT= 10 mA
VDD-
0.3
--
IOUT= 10 mA,
TA= -40°C to 125°C
Output low voltage
VOL
--
0.2
V
IOUT= -10 mA
--
0.3
IOUT= -10 mA,
TA= -40°C to 125°C
Output resistance
Pull up
ROUT
-15
25
IOUT= ±10 mA
Pull down
-8.0
20
Pull up
-
20
30
IOUT= ±10 mA,
TA= -40°C to 125°C
Pull down
-10
30
Rise time
tR
-30
75
ns
CL= 500 pF (Note 1)
Fall time
tF
-20
75
ns
CL= 500 pF(Note 1)
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: VDD = 10V, VIN = 48V, VDISC= 0V, RBIAS = 390 kΩ, ROSC = 330 kΩ, TA= 25°C, unless oth-
erwise noted.
Parameter
Symbol
Min
Typ
Max
Units
Conditions


Similar Part No. - HV9120P-G-M901

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9120P-G SUTEX-HV9120P-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
More results

Similar Description - HV9120P-G-M901

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9123 SUTEX-HV9123_14 Datasheet
649Kb / 11P
   High-Voltage,Current-Mode PWM Controller
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
   High Voltage Current Mode PWM Controller
logo
Microchip Technology
HV9110 MICROCHIP-HV9110 Datasheet
620Kb / 18P
   High-Voltage Current-Mode PWM Controller
06/23/16
logo
Supertex, Inc
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
HV9123NG-G SUTEX-HV9123NG-G Datasheet
951Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9113 SUTEX-HV9113_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com