Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9123P-G-M934 Datasheet(PDF) 7 Page - Microchip Technology

Part # HV9123P-G-M934
Description  High-Voltage, Current-Mode, PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV9123P-G-M934 Datasheet(HTML) 7 Page - Microchip Technology

Back Button HV9123P-G-M934 Datasheet HTML 3Page - Microchip Technology HV9123P-G-M934 Datasheet HTML 4Page - Microchip Technology HV9123P-G-M934 Datasheet HTML 5Page - Microchip Technology HV9123P-G-M934 Datasheet HTML 6Page - Microchip Technology HV9123P-G-M934 Datasheet HTML 7Page - Microchip Technology HV9123P-G-M934 Datasheet HTML 8Page - Microchip Technology HV9123P-G-M934 Datasheet HTML 9Page - Microchip Technology HV9123P-G-M934 Datasheet HTML 10Page - Microchip Technology HV9123P-G-M934 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
 2016 Microchip Technology Inc.
DS20005519A-page 7
HV9120/HV9123
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Typical Performance Curves
Output Switching Frequency
vs. Oscillator Resistance
10k
100k
1M
R
OSC (Ω)
1M
100k
10k
PSRR - Error Amplifier and Reference
10
100
1K
10K
100K
1M
80
70
60
50
40
20
10
0
-10
Error Amplifier Open Loop Gain/Phase
180
120
60
0
-60
-120
-180
Frequency (Hz)
106
105
104
103
102
10
1.0
0.1
Error Amplifier Output Impedance (Z
0)
0
-10
-20
-30
-40
-50
-60
-70
-80
Bias Resistance (Ω)
105
106
107
V
DD = 10V
Frequency (Hz)
100
1K
10K
100K
1M
10M
Frequency (Hz)
V
DD = 10V
100
1K
10K
100K
1M
100
10
1.0
HV9120
HV9123
R
DISCHARGE vs. tOFF (HV9123 only)
R
DISCHARGE (Ω)
R
OSC = 10k
R
OSC = 1.0k
R
OSC = 100k
10-1
10
101
102
103
104
105
106
104
103
102


Similar Part No. - HV9123P-G-M934

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9123P-G SUTEX-HV9123P-G Datasheet
649Kb / 11P
   High-Voltage,Current-Mode PWM Controller
More results

Similar Description - HV9123P-G-M934

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
   High-Voltage Current-Mode PWM Controller
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9110 SUTEX-HV9110 Datasheet
324Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9123 SUTEX-HV9123_14 Datasheet
649Kb / 11P
   High-Voltage,Current-Mode PWM Controller
HV9605C SUTEX-HV9605C Datasheet
312Kb / 5P
   High Voltage Current Mode PWM Controller
logo
Microchip Technology
HV9110 MICROCHIP-HV9110 Datasheet
620Kb / 18P
   High-Voltage Current-Mode PWM Controller
06/23/16
logo
Supertex, Inc
HV9120 SUTEX-HV9120 Datasheet
325Kb / 7P
   High-Voltage Current-Mode PWM Controller
HV9110 SUTEX-HV9110_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
HV9123NG-G SUTEX-HV9123NG-G Datasheet
951Kb / 11P
   High-Voltage, Current-Mode PWM Controller
HV9113 SUTEX-HV9113_07 Datasheet
706Kb / 8P
   High-Voltage Current-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com