Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63827-6000 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 63827-6000
Description  A full cycle ratcheting hand tool ensures complete crimps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

63827-6000 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  63827-6000 Datasheet HTML 1Page - Molex Electronics Ltd. 63827-6000 Datasheet HTML 2Page - Molex Electronics Ltd. 63827-6000 Datasheet HTML 3Page - Molex Electronics Ltd. 63827-6000 Datasheet HTML 4Page - Molex Electronics Ltd. 63827-6000 Datasheet HTML 5Page - Molex Electronics Ltd. 63827-6000 Datasheet HTML 6Page - Molex Electronics Ltd. 63827-6000 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Hand Crimp Tool for Nano-Fit™ Crimp Terminals
Doc No: ATS-6382760HM
Release Date: 10-17-14
UNCONTROLLED COPY
Page 4 of 7
Revision: A
Revision Date: 10-22-14
INCORRECT
Figure 6
CORRECT
INCORRECT
Terminal Locator Replacement/Change Over
This section describes the procedure for changing locators.
Removal
1. With the tool in the open position, pivot the terminal locator outward.
2. Remove the M4 BHCS. See Figure 4.
Installation
1. Place the replacement locator on the hand tool. Install the M4 BHCS.
See Figure 6.
2. Tighten the screw enough to hold the locator. Make sure the locator can still float freely with hand pressure.
3. Insert the proper terminal fully into the correct profile slot
until the terminal is fully seated and stops. Then gently
pivot the locator closed.
4. With hand pressure, slowly slide the locator to the correct
position. See Figure 6.
5. Gently pivot the locator open without disturbing the
location.
6. Hold the locator firmly in place and slowly tighten the M4
BHCS.
Maintenance
It is recommended that each operator of the tool be made aware of, and responsible for, the following
maintenance steps:
1. Remove dust, moisture, and other contaminants with a clean brush, or soft, lint free cloth.
2. Do not use any abrasive materials that could damage the tool.
3. Make certain all pins; pivot points and bearing surfaces are protected with a thin coat of high quality machine
oil. Do not oil excessively. The tool was engineered for durability but like any other equipment it needs
cleaning and lubrication for a maximum service life of trouble free crimping. Light oil (such as 30 weight
automotive oil) used at the oil points, every 5,000 crimps or 3 months, will significantly enhance the tool life.
4. Wipe excess oil from hand tool, particularly from crimping area. Oil transferred from the crimping area onto
certain terminations may affect the electrical characteristics of an application.
5. When tool is not in use, keep the handles closed to prevent objects from becoming lodged in the crimping dies,
and store the tool in a clean, dry area.
Miscrimps or Jams
Should this tool ever become stuck or jammed in a partially closed position, Do Not force the handles open or
closed. The tool will open easily by lifting the ratchet release lever. See Figure 10.
M4 BHCS
PIVOT
LOCATOR
Figure 5


Similar Part No. - 63827-6000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63827-6000 MOLEX-63827-6000 Datasheet
683Kb / 7P
   Hand Crimp Tool for Nano-Fit??Crimp Terminals
10-22-14
More results

Similar Description - 63827-6000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-638194400 MOLEX-ATS-638194400 Datasheet
519Kb / 7P
   A full cycle ratcheting hand tool ensures complete crimps
logo
List of Unclassifed Man...
Y1MRTC ETC2-Y1MRTC Datasheet
54Kb / 1P
   FULL CYCLE MECHANICAL RATCHET HAND TOOL
logo
Molex Electronics Ltd.
64016-0039 MOLEX11-64016-0039 Datasheet
31Kb / 1P
   ServiceGrade Multi-Functional Hand Tool ??Non-Ratcheting
0640160039 MOLEX11-0640160039 Datasheet
31Kb / 1P
   ServiceGrade Multi-Functional Hand Tool ??Non-Ratcheting
logo
STMicroelectronics
SNRCM-250 STMICROELECTRONICS-SNRCM-250 Datasheet
121Kb / 4P
   Complete, full-featured tool kits for ZigBee짰 based networks
logo
Tyco Electronics
408-4350 MACOM-408-4350 Datasheet
242Kb / 6P
   The tool features a tool frame with a stationary jaw and handle, a moving jaw, a moving handle, and an adjustable ratchet that ensures full contact crimping.
408-4349 MACOM-408-4349 Datasheet
244Kb / 5P
   The tool features a tool frame with a stationary jaw and handle, a moving jaw, a moving handle, and an adjustable ratchet that ensures full contact crimping.
logo
Molex Electronics Ltd.
0570056000 MOLEX-0570056000 Datasheet
31Kb / 1P
   Hand Insertion Tool/Hand Extraction Tool
08/26/2022
logo
Tyco Electronics
408-4135 MACOM-408-4135 Datasheet
246Kb / 6P
   The tool features a tool frame with a stationary jaw and handle, a moving jaw, a moving handle, and an adjustable ratchet that ensures full contact crimping.
408-4351 MACOM-408-4351 Datasheet
246Kb / 6P
   The tool features a tool frame with a stationary jaw and handle, a moving jaw, a moving handle, and an adjustable ratchet that ensures full contact crimping.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com