Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63816-0200 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 63816-0200
Description  A full cycle ratcheting hand tool ensures complete crimps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

63816-0200 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  63816-0200 Datasheet HTML 1Page - Molex Electronics Ltd. 63816-0200 Datasheet HTML 2Page - Molex Electronics Ltd. 63816-0200 Datasheet HTML 3Page - Molex Electronics Ltd. 63816-0200 Datasheet HTML 4Page - Molex Electronics Ltd. 63816-0200 Datasheet HTML 5Page - Molex Electronics Ltd. 63816-0200 Datasheet HTML 6Page - Molex Electronics Ltd. 63816-0200 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Hand Crimp Tool for Nano-Fit™ Crimp Terminals
Doc No: ATS-6382760HM
Release Date: 10-17-14
UNCONTROLLED COPY
Page 2 of 7
Revision: A
Revision Date: 10-22-14
CRIMP SPECIFICATION
Terminal Series No.
Bell mouth
Cut-off Tab Maximum
Conductor Brush
mm
In.
mm
In.
mm
In.
105300
0.15 – 0.25
0.006 – 0.010
0.17
.007
0.25 – 1.00
0.010 – 0.039
Terminal Series No.
Bend up Bend down
Twist Roll
Seam
Seam shall not be open
and no wire allowed out of
the crimping area
Degree
Degree
105300
3
3
4
8
After crimping, the conductor profiles should measure the following.
Terminal
Series No
Wire Size
Conductor Crimp
Insulation Crimp
Pull Force
Minimum
Profile
Height
Width (Ref.) Height (Ref) Width (Ref)
A B C D
AWG mm2
mm
In.
mm
In.
mm
In.
mm
In.
N
Lb. 24 24 26 26
105300
24
-
0.70 – 0.75 0.027 – 0.030 1.15 0.045
1.60 0.063 1.55 0.061
22.3
5
X
1.70 0.067 1.70 0.067
X
26
-
0.65 – 0.70 0.025 – 0.027 1.15 0.045
1.55 0.061 1.55 0.061
13.4
3
X
1.65 0.065 1.70 0.067
X
To Achieve IPC-A-620 Class 2 Crimps, the following over-all wire insulation diameter ranges are recommended:
Profile A: (UL1061) 1.10mm – 1.20mm (0.043in – 0.047in)
Profile B: (UL1007) 1.30mm – 1.40mm (0.051in – 0.055in)
Profile C: (UL1061) 1.05mm – 1.15mm (0.041in – 0.045in)
Profile D: (UL1007) 1.20mm – 1.30mm (0.047in – 0.051in)
Tool Qualification Notes:
1. Pull Force should be measured with no influence from the insulation crimp.
2. The above specifications are guidelines to an optimum crimp.
Notes:
1. This tool should only be used for the terminals and wire gauges specified on this sheet.
2. This tool is not adjustable for crimp height. Variations in tools, terminals, wire stranding, and insulation types
may affect crimp height.
3. This tool is intended for standard conductor sizes. It may not give a good insulation crimp support for all
insulation sizes.
4. Molex does not repair hand tools (see warranty above). The replacement parts listed are the only parts
available for repair. If the handles or crimp tooling is damaged or worn, a new tool must be purchased.
5. Pull force should be used as the final criteria for an acceptable crimp. Pull force is measured with no
influence from the insulation crimp. The insulation should be stripped long (1/2 in.) so the insulation grips
on the terminal do not grip the wire insulation or the conductor. Refer to Molex Quality Crimping
Handbook 63800-0029 for additional information on crimping and crimp testing.
6. Molex does not certify crimp hand tools.
OPERATION
Open the tool by squeezing the handles together, at the end of the closing stroke, the ratchet mechanism will
release the handles, and the hand tool will spring open.


Similar Part No. - 63816-0200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63816-0200 MOLEX2-63816-0200 Datasheet
328Kb / 5P
   Application Tooling Specification Sheet
63816-0200 MOLEX2-63816-0200 Datasheet
327Kb / 5P
   Application Tooling Specification Sheet
More results

Similar Description - 63816-0200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
ATS-638194400 MOLEX-ATS-638194400 Datasheet
519Kb / 7P
   A full cycle ratcheting hand tool ensures complete crimps
logo
List of Unclassifed Man...
Y1MRTC ETC2-Y1MRTC Datasheet
54Kb / 1P
   FULL CYCLE MECHANICAL RATCHET HAND TOOL
logo
Molex Electronics Ltd.
64016-0039 MOLEX11-64016-0039 Datasheet
31Kb / 1P
   ServiceGrade Multi-Functional Hand Tool ??Non-Ratcheting
0640160039 MOLEX11-0640160039 Datasheet
31Kb / 1P
   ServiceGrade Multi-Functional Hand Tool ??Non-Ratcheting
logo
STMicroelectronics
SNRCM-250 STMICROELECTRONICS-SNRCM-250 Datasheet
121Kb / 4P
   Complete, full-featured tool kits for ZigBee짰 based networks
logo
Tyco Electronics
408-4350 MACOM-408-4350 Datasheet
242Kb / 6P
   The tool features a tool frame with a stationary jaw and handle, a moving jaw, a moving handle, and an adjustable ratchet that ensures full contact crimping.
408-4349 MACOM-408-4349 Datasheet
244Kb / 5P
   The tool features a tool frame with a stationary jaw and handle, a moving jaw, a moving handle, and an adjustable ratchet that ensures full contact crimping.
logo
Molex Electronics Ltd.
0570056000 MOLEX-0570056000 Datasheet
31Kb / 1P
   Hand Insertion Tool/Hand Extraction Tool
08/26/2022
logo
Tyco Electronics
408-4135 MACOM-408-4135 Datasheet
246Kb / 6P
   The tool features a tool frame with a stationary jaw and handle, a moving jaw, a moving handle, and an adjustable ratchet that ensures full contact crimping.
408-4351 MACOM-408-4351 Datasheet
246Kb / 6P
   The tool features a tool frame with a stationary jaw and handle, a moving jaw, a moving handle, and an adjustable ratchet that ensures full contact crimping.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com