Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

105300-1300 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 105300-1300
Description  CRIMP TERMINAL FOR NANO-FIT RECEPTACLE POWER CONNECTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

105300-1300 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  105300-1300 Datasheet HTML 1Page - Molex Electronics Ltd. 105300-1300 Datasheet HTML 2Page - Molex Electronics Ltd. 105300-1300 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CRIMP TERMINAL FOR NANO-FIT RECEPTACLE
POWER CONNECTOR
PRODUCT CUSTOMER DRAWING
C
DRAWING SIZE
THIRD ANGLE PROJECTION
A3
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NUMBER
2 OF 3
GENERAL
TOLERANCES
(UNLESS SPECIFIED)
ANGULAR TOL ± 3.0 °
DOCUMENT NUMBER
DOC TYPE
DOC PART
SD-105300-100
PSD
000
4 PLACES
±
3 PLACES
±
2 PLACES
±
0.15
1 PLACE
±
0.20
0 PLACES
±
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
SERIES
MATERIAL NUMBER
CUSTOMER
GENERAL MARKET
105300
SEE SHEET 3
DIMENSION UNITS
SCALE
MM
10:1
DRWN BY
DATE
GLLI
2015/03/18
CHK'D BY
DATE
APPR BY
DATE
AYIN
2015/04/08
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
A
A
B
B
C
C
D
D
E
E
QUALITY
SYMBOLS
=
0
=
0
=
0
=
0
=
0
=
0
=
0
=
0
FORMAT: master-tb-prod-A3
REVISION: G
DATE: 2015/12/14
RELEASE STATUS
P1
RELEASE DATE
27.04.2016
07:06:44
C
REF
1.78
REF
2.33
0.50
R
0.78
R
ONLY FOR WIRE OF AWG 20/22
ONLY FOR WIRE OF AWG 24/26
REF
1.39
REF
2.12
0.33
R
0.64
R


Similar Part No. - 105300-1300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
105300-1300 MOLEX11-105300-1300 Datasheet
450Kb / 3P
   The 63824-4600 Extraction Tool is designed to remove crimp terminals from Nano-Fit power connectors See below.
105300-1300 MOLEX11-105300-1300 Datasheet
683Kb / 7P
   A full cycle ratcheting hand tool ensures complete crimps
More results

Similar Description - 105300-1300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63827-5670 MOLEX-63827-5670 Datasheet
700Kb / 7P
   Hand Crimp Tool for Nano-Fit??Crimp Terminals
04-13-15
ATS-6382760HM MOLEX-ATS-6382760HM Datasheet
683Kb / 7P
   Hand Crimp Tool for Nano-Fit??Crimp Terminals
10-22-14
200218-6500 MOLEX-200218-6500 Datasheet
1Mb / 8P
   Hand Crimp Tool for Nano-Fit Plug Crimp Terminals
07-12-19
200218-6400 MOLEX2-200218-6400 Datasheet
1Mb / 8P
   Hand Crimp Tool for Nano-Fit Plug Crimp Terminals
07-12-19
2002186500 MOLEX-2002186500 Datasheet
1Mb / 8P
   Hand Crimp Tool for Nano-Fit Plug Crimp Terminals
07-12-19
ATS-6382756HM MOLEX-ATS-6382756HM Datasheet
700Kb / 7P
   Hand Crimp Tool for Nano-Fit™ Crimp Terminals
04-13-15
200218-6400 MOLEX-200218-6400 Datasheet
1Mb / 8P
   Hand Crimp Tool for Nano-Fit Plug Crimp Terminals
07-12-19
SD-105307-100 MOLEX11-SD-105307-100 Datasheet
359Kb / 4P
   RECEPTACLE OF NANO-FIT, S/R, TPA POWER CONNECTOR
logo
List of Unclassifed Man...
1053072202_SD ETC-1053072202_SD Datasheet
361Kb / 4P
   RECEPTACLE OF NANO-FIT, S/R, TPA POWER CONNECTOR
2019/04/17
logo
Molex Electronics Ltd.
2002221400 MOLEX-2002221400 Datasheet
24Kb / 2P
   Extraction Tool for Nano-Fit Crimp Terminals, 24-26 AWG
08/25/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com