Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N8825B Datasheet(PDF) 11 Page - Keysight Technologies

Part # N8825B
Description  N8825A/B Infiniium 10BASE-T / 100BASE-TX
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N8825B Datasheet(HTML) 11 Page - Keysight Technologies

Back Button N8825B Datasheet HTML 4Page - Keysight Technologies N8825B Datasheet HTML 5Page - Keysight Technologies N8825B Datasheet HTML 6Page - Keysight Technologies N8825B Datasheet HTML 7Page - Keysight Technologies N8825B Datasheet HTML 8Page - Keysight Technologies N8825B Datasheet HTML 9Page - Keysight Technologies N8825B Datasheet HTML 10Page - Keysight Technologies N8825B Datasheet HTML 11Page - Keysight Technologies N8825B Datasheet HTML 12Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11 | Keysight | N8825A/B Infiniium 10BASE-T / 100BASE-TX Ethernet Decoder - Data Sheet
Recommended oscilloscopes
The N8825A/B 10BASE-T/100BASE-TX Ethernet protocol decoder is compatible with
Keysight Technologies Infiniium Series oscilloscopes with operating software revision
5.50 or higher. S-Series oscilloscopes have hardware serial trigger for 10BASE-T. For
oscilloscopes with earlier revisions, free upgrade software is available here:
www.keysight.com/find/scope-apps-sw.
Data rate
Minimum bandwidth
Minimum channels
Compatible oscilloscopes
10BASE-T (10Mb/s)
100BASE-TX (100Mb/s)
500 MHz
1
All Infiniium Series
Other hardware, probes and accessories
Model number
Description
Quantity
N2750A
1.5 GHz InfiniiMode differential active probes
1 (2 probes required for RX and TX)
Or
1130A InfiniiMax
1.5 GHz InfiniiMax probe
1 (2 probes required for RX and TX)
E2678A InfiniiMax
Differential socketed probe head and accessories
1 (2 probe heads required for RX and TX)
Note: Please contact Keysight for information on the Ethernet decoder fixture.
Optional accessories
5959-9334
Probe leads
5
01130-63201
Probe head adapter
2
Oscilloscope software options
License type
Z-Series
S-Series
90000A Series
9000 Series
90000 X-Series
V-Series
10/100
Ethernet
decoder
Fixed
Factory-
installed
Option 089
Option 089
Option 084
Option 076
Option 087
Option 089
User-installed
N8825A-1FP
N8825B-1FP
N8825A-1NL
N8825A-1NL
N8825A-1NL
N8825A-1FP
Floating
Transportable
N8825A-1TP
N8825B-1TP
N8825A-1TP
N8825A-1TP
N8825A-1TP
N8825A-1TP
Server-based
N5435A-088
Related literature
Publication title
Publication type
Publication number
Infiniium 9000 Series Oscilloscopes
Data sheet
5990-3746EN
Infiniium S-Series Oscilloscopes
Data sheet
5991-3904EN
Infiniium 90000 X-Series Oscilloscopes
Data sheet
5990-5271EN
Infiniium 90000A Series Oscilloscopes
Data sheet
5989-7819EN
Infiniium 90000 Q-Series Oscilloscopes
Data sheet
5990-9712EN
Infiniium Z-Series Oscilloscopes
Data sheet
5991-3868EN
N5392A/B/C Ethernet Compliance Application with EEE
Data sheet
5991-1901EN


Similar Part No. - N8825B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8825B KEYSIGHT-N8825B Datasheet
1Mb / 12P
   N8825A/B Infiniium 10BASE-T / 100BASE-TX
More results

Similar Description - N8825B

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8825B KEYSIGHT-N8825B Datasheet
1Mb / 12P
   N8825A/B Infiniium 10BASE-T / 100BASE-TX
logo
List of Unclassifed Man...
L80227 ETC1-L80227 Datasheet
689Kb / 140P
   10BASE-T/ 100BASE-TX Ethernet PHY
logo
Integrated Circuit Syst...
ICS1892 ICST-ICS1892 Datasheet
816Kb / 148P
   10Base-T/100Base-TX Integrated PHYceiver
logo
Micrel Semiconductor
KSZ8041TL MICREL-KSZ8041TL_09 Datasheet
436Kb / 65P
   10Base-T/100Base-TX/100Base-FX Physical Layer Transceiver
logo
Microchip Technology
KSZ8091MNX MICROCHIP-KSZ8091MNX Datasheet
681Kb / 80P
   10BASE-T/100BASE-TX Physical Layer Transceiver
06/23/16
logo
Micrel Semiconductor
KSZ8041NLITR MICREL-KSZ8041NLITR Datasheet
678Kb / 54P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MNL MICREL-KSZ8051MNL Datasheet
560Kb / 59P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8081MNX MICREL-KSZ8081MNX Datasheet
1Mb / 69P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8091RNA MICREL-KSZ8091RNA Datasheet
1Mb / 67P
   10Base-T/100Base-TX Physical Layer Transceiver
KSZ8051MLL MICREL-KSZ8051MLL Datasheet
691Kb / 51P
   10Base-T/100Base-TX Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com