Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N8834A-AFP Datasheet(PDF) 2 Page - Keysight Technologies

Part # N8834A-AFP
Description  MultiScope Application
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N8834A-AFP Datasheet(HTML) 2 Page - Keysight Technologies

  N8834A-AFP Datasheet HTML 1Page - Keysight Technologies N8834A-AFP Datasheet HTML 2Page - Keysight Technologies N8834A-AFP Datasheet HTML 3Page - Keysight Technologies N8834A-AFP Datasheet HTML 4Page - Keysight Technologies N8834A-AFP Datasheet HTML 5Page - Keysight Technologies N8834A-AFP Datasheet HTML 6Page - Keysight Technologies N8834A-AFP Datasheet HTML 7Page - Keysight Technologies N8834A-AFP Datasheet HTML 8Page - Keysight Technologies N8834A-AFP Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Introduction
Introducing the new MultiScope application
Need more than four simultaneous oscilloscope channels? Ever placed two oscilloscopes
together to see eight channels simultaneously? The Keysight Technologies, Inc. N8834A
MultiScope application enables Infiniium and InfiniiVision real-time oscilloscope users to
bring multiple oscilloscopes together for measurement on a single timebase. Capture, view,
and analyze up to 40 time-correlated oscilloscope channels. If your need for more than four
simultaneous channels goes away, each oscilloscope can be used independently and then
brought back together when there are future needs for more than four channel measurements.
Are you working on applications like power rails, high-speed multi-lane serial buses, optical
networking, or DDR memory systems? The N8834A MultiScope software allows connection
of 2 to 10 oscilloscopes to achieve up to 40 channels on a single timebase. Each oscilloscope
is daisy chained via cables and power splitters to the first oscilloscope, called the leader.
Automated calibration is available to allow channel correlation across frames down to less
than 1 ps. All oscilloscopes connect to a control PC via LAN or USB. The PC runs the Infiniium
application (user interface) and allows users to change settings on all oscilloscopes. The
Infiniium application on the PC shows all waveforms and measurements and offers analysis in
addition to controlling the oscilloscope settings. The leader can also work as the controller in
the absence of a control PC.


Similar Part No. - N8834A-AFP

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N8834A-AFP KEYSIGHT-N8834A-AFP Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
More results

Similar Description - N8834A-AFP

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
381285 EXTECH-381285 Datasheet
467Kb / 24P
   Handheld MultiScope
381295 EXTECH-381295 Datasheet
177Kb / 1P
   5MHz Dual Channel MultiScope
381295A EXTECH-381295A Datasheet
244Kb / 1P
   5MHz Dual Channel MultiScope
logo
KEC(Korea Electronics)
KTC3875S KEC-KTC3875S Datasheet
95Kb / 3P
   GENERAL PURPOSE APPLICATION SWITCHING APPLICATION.
logo
KODENSHI_AUK CORP.
BC856F KODENSHI-BC856F Datasheet
284Kb / 4P
   General purpose application Switching application
logo
First Silicon Co., Ltd
FTA1504 FS-FTA1504 Datasheet
281Kb / 3P
   GENERAL PURPOSE APPLICATION. SWITCHING APPLICATION.
logo
Toshiba Semiconductor
2SD1166 TOSHIBA-2SD1166 Datasheet
117Kb / 3P
   HIGH POWER SWITCHING APPLICATION. AC & MOTOR CONTROL APPLICATION. INVERTER APPLICATION.
logo
National Semiconductor ...
LM27402 NSC-LM27402_1 Datasheet
167Kb / 4P
   Current Limit Application Circuits Application Circuits
logo
Fairchild Semiconductor
FJX3012R FAIRCHILD-FJX3012R Datasheet
32Kb / 3P
   Switching Application
FJX4001R FAIRCHILD-FJX4001R Datasheet
42Kb / 4P
   Switching Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com