Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

105307-1204 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 105307-1204
Description  The 63824-4600 Extraction Tool is designed to remove crimp terminals from Nano-Fit power connectors See below.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

105307-1204 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  105307-1204 Datasheet HTML 1Page - Molex Electronics Ltd. 105307-1204 Datasheet HTML 2Page - Molex Electronics Ltd. 105307-1204 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Extractor Tool for Crimp Terminals
Order No: ATS-638244600
Release Date: 06-18-15
UNCONTROLLED COPY
Page 1 of 3
Revision: A
Revision Date: 06-18-15
Extractor Tool
Application Tooling
Specification Sheet
Order No. 63824-4600
FEATURES
The 63824-4600 Extraction Tool is designed to remove crimp terminals from Nano-Fit™ power connectors.
See below.
SCOPE
Products: Nano-Fit™ Power Connectors and Crimp Terminals 20-26 AWG.
Terminal
Series No.
Terminal
Order No.
Housing
Series No.
Housing Order No.
105300
20-26 AWG
Nano-Fit™
105300-1100
105300-1200
105300-1300
105300-2100
105300-2200
105300-2300
105307
105307-1102 105307-1103 105307-1104 105307-1105 105307-1106
105307-1107 105307-1108 105307-2101 105307-2103 105307-2104
105307-2105 105307-2106 105307-2107 105307-2108
105308
105308-1102 105308-1103 105308-1104 105308-1105 105308-1106
105308-1107 105308-1108 105308-2101 105308-2103 105308-2104
105308-2105 105308-2106 105308-2107 105308-2108
With TPA Feature
105307
105307-1202 105307-1203 105307-1204 105307-1205 105307-1206
105307-1207 105307-1208 105307-2202 105307-2203 105307-2204
105307-2205 105307-2206 105307-2207 105307-2208
105308
105308-1202 105308-1203 105308-1204 105308-1205 105308-1206
105308-1207 105308-1208 105308-2202 105308-2203 105308-2204
105308-2205 105308-2206 105308-2207 105308-2208
DESCRIPTION:
This extractor tool is 57.3 mm (2.26 in.) long by 6.35mm (.25 in.)
diameter, and weight about 0.03kg (1 oz.). See Figure 1.
TPA Latch
Before terminals can be extracted the TPA latch must be
opened first on Nano-Fit™ power connectors that have the TPA
feature see chart above.
1. Using a small screwdriver insert the flat edge under the tab
of the TPA lock. See Figure 2.
2. Pull up and push out towards the crimped wire.
3. Repeat this on the opposite side of the TPA lock. The TPA lock should be removed completely from
the power connector.
12.7mm
0.50”
44.5mm
1.75”
57.3mm
2.26”
Figure 1


Similar Part No. - 105307-1204

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
105307-1204 MOLEX11-105307-1204 Datasheet
359Kb / 4P
   RECEPTACLE OF NANO-FIT, S/R, TPA POWER CONNECTOR
logo
List of Unclassifed Man...
105307-1204 ETC-105307-1204 Datasheet
361Kb / 4P
   RECEPTACLE OF NANO-FIT, S/R, TPA POWER CONNECTOR
2019/04/17
More results

Similar Description - 105307-1204

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63824-2900 MOLEX-63824-2900 Datasheet
191Kb / 2P
   The 63824-2900 Extraction Tool is for the removal of crimp male terminals from housing series 34899
02-06-13
0638244600 MOLEX11-0638244600 Datasheet
44Kb / 1P
   Extraction Tool for Nano-Fit Power Connectors and Crimp Terminals, 20-26 AWG
2002221400 MOLEX-2002221400 Datasheet
24Kb / 2P
   Extraction Tool for Nano-Fit Crimp Terminals, 24-26 AWG
08/25/2022
63827-5670 MOLEX-63827-5670 Datasheet
700Kb / 7P
   Hand Crimp Tool for Nano-Fit??Crimp Terminals
04-13-15
ATS-6382760HM MOLEX-ATS-6382760HM Datasheet
683Kb / 7P
   Hand Crimp Tool for Nano-Fit??Crimp Terminals
10-22-14
200218-6400 MOLEX2-200218-6400 Datasheet
1Mb / 8P
   Hand Crimp Tool for Nano-Fit Plug Crimp Terminals
07-12-19
2002186500 MOLEX-2002186500 Datasheet
1Mb / 8P
   Hand Crimp Tool for Nano-Fit Plug Crimp Terminals
07-12-19
200218-6500 MOLEX-200218-6500 Datasheet
1Mb / 8P
   Hand Crimp Tool for Nano-Fit Plug Crimp Terminals
07-12-19
0638132800 MOLEX11-0638132800 Datasheet
28Kb / 1P
   Extraction Tool for Crimp Terminals
ATS-6382756HM MOLEX-ATS-6382756HM Datasheet
700Kb / 7P
   Hand Crimp Tool for Nano-Fit™ Crimp Terminals
04-13-15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com