Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS6042 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS6042
Description  350 mA, 짹12 V ADSL CPE LINE DRIVERS
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6042 Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS6042 Datasheet HTML 3Page - Texas Instruments THS6042 Datasheet HTML 4Page - Texas Instruments THS6042 Datasheet HTML 5Page - Texas Instruments THS6042 Datasheet HTML 6Page - Texas Instruments THS6042 Datasheet HTML 7Page - Texas Instruments THS6042 Datasheet HTML 8Page - Texas Instruments THS6042 Datasheet HTML 9Page - Texas Instruments THS6042 Datasheet HTML 10Page - Texas Instruments THS6042 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
THS6042, THS6043
350 mA,
±12 V ADSL CPE LINE DRIVERS
SLOS264G – MARCH 2000 – REVISED DECEMBER 2001
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
–24
–18
–12
–6
0
6
12
18
24
10 K
100 K
1 M
10 M
100 M
1 G
VO = 8 VPP
VO = 2 VPP
VO = 0.5 VPP
VO = 0.125 VPP
f – Frequency – Hz
SMALL AND LARGE SIGNAL OUTPUT
vs
FREQUENCY
VCC = ±12 V
G = 4
Rf = 750 Ω
RL = 100 Ω
Figure 2
–24
–18
–12
–6
0
6
12
18
24
10 K
100 K
1 M
10 M
100 M
1 G
VO = 8 VPP
VO = 2 VPP
VO = 0.5 VPP
VO = 0.125 VPP
f – Frequency – Hz
SMALL AND LARGE SIGNAL OUTPUT
vs
FREQUENCY
VCC = ±12 V
G = 4
Rf = 390 Ω
RL = 100 Ω
Figure 3
–18
–12
–6
0
6
12
18
24
30
10 K
100 K
1 M
10 M
100 M
1 G
VO = 16 VPP
VO = 4 VPP
VO = 1 VPP
VO = 0.25 VPP
f – Frequency – Hz
SMALL AND LARGE SIGNAL OUTPUT
vs
FREQUENCY
VCC = ±12 V
G = 8
Rf = 280 Ω
RL = 100 Ω
Figure 4
–18
–12
–6
0
6
12
18
24
30
10 K
100 K
1 M
10 M
100 M
1 G
VO = 16 VPP
VO = 4 VPP
VO = 1 VPP
VO = 0.25 VPP
f – Frequency – Hz
SMALL AND LARGE SIGNAL OUTPUT
vs
FREQUENCY
VCC = ±12 V
G = 8
Rf = 750 Ω
RL = 100 Ω


Similar Part No. - THS6042

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6042 TI-THS6042 Datasheet
2Mb / 39P
[Old version datasheet]   OPA2675 Dual, High Output Current Operational Amplifier With Active Off-Line Control
REVISED SEPTEMBER 2022
THS6042/3 TI1-THS6042/3 Datasheet
1Mb / 23P
[Old version datasheet]   175mA,12V ADSL CPE LINE DRIVERS
THS6042CD TI1-THS6042CD Datasheet
1Mb / 46P
[Old version datasheet]   350mA,12V ADSL CPE LINE DRIVERS
THS6042CDDA TI1-THS6042CDDA Datasheet
1Mb / 46P
[Old version datasheet]   350mA,12V ADSL CPE LINE DRIVERS
THS6042CDDAG3 TI1-THS6042CDDAG3 Datasheet
1Mb / 46P
[Old version datasheet]   350mA,12V ADSL CPE LINE DRIVERS
More results

Similar Description - THS6042

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6052IDDA TI-THS6052IDDA Datasheet
944Kb / 21P
[Old version datasheet]   175 mA, 짹12 V ADSL CPE LINE DRIVERS
THS6052 TI1-THS6052_16 Datasheet
1Mb / 23P
[Old version datasheet]   175mA,12V ADSL CPE LINE DRIVERS
THS6042 TI1-THS6042_16 Datasheet
1Mb / 46P
[Old version datasheet]   350mA,12V ADSL CPE LINE DRIVERS
THS6092 TI1-THS6092 Datasheet
1Mb / 23P
[Old version datasheet]   275mA, 12 V ADSL CPE LINE DRIBERS
logo
Pulse A Technitrol Comp...
BX2483W PULSE-BX2483W Datasheet
60Kb / 1P
   ADSL LINE TRANSFORMERS For Broadcom ADSL CPE Chipsets
BX2932LNL PULSE-BX2932LNL Datasheet
85Kb / 1P
   ADSL LINE TRANSFORMERS For Infineon ADSL CPE Chipsets
logo
Bel Fuse Inc.
APC78164 BEL-APC78164 Datasheet
144Kb / 1P
   ADSL CPE Hybrid
APC78106 BEL-APC78106 Datasheet
145Kb / 1P
   ADSL CPE Hybrid
logo
Pulse A Technitrol Comp...
BX2361 PULSE-BX2361 Datasheet
64Kb / 1P
   ADSL LINE TRANSFORMERS For Texas Instruments??CPE Chipsets
logo
Bel Fuse Inc.
S560-6600-A7 BEL-S560-6600-A7 Datasheet
45Kb / 2P
   ADSL Magnetics GlobeSpan ADSL DMT CPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com