Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSO615CG Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # BSO615CG
Description  SIPMOS횘 Small-Signal-Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO615CG Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button BSO615CG_12 Datasheet HTML 5Page - Infineon Technologies AG BSO615CG_12 Datasheet HTML 6Page - Infineon Technologies AG BSO615CG_12 Datasheet HTML 7Page - Infineon Technologies AG BSO615CG_12 Datasheet HTML 8Page - Infineon Technologies AG BSO615CG_12 Datasheet HTML 9Page - Infineon Technologies AG BSO615CG_12 Datasheet HTML 10Page - Infineon Technologies AG BSO615CG_12 Datasheet HTML 11Page - Infineon Technologies AG BSO615CG_12 Datasheet HTML 12Page - Infineon Technologies AG BSO615CG_12 Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
20
12-04-04
Page 10
Rev. 2.
1
BSO 615 C G
Typ. capacitances (N-Ch.)
C = f(VDS)
parameter:
VGS=0 V, f=1 MHz
0
5
10
15
20
25
VDS
35
V
1
10
2
10
3
10
pF
Ciss
Coss
Crss
Typ. capacitances (P-Ch.)
C = f(VDS)
parameter:
VGS=0 V, f=1 MHz
0
-5
-10
-15
-20
-25
VDS
-35
V
1
10
2
10
3
10
pF
Ciss
Coss
Crss
Forward characteristics of reverse diode
IF = f (VSD), (N-Ch.)
parameter:
Tj , tp = 80 µs
0.0
0.4
0.8
1.2
1.6
2.0
2.4 V
3.0
VSD
-2
10
-1
10
0
10
1
10
A
BSO 615 C
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 150 °C typ
T
j = 150 °C (98%)
Forward characteristics of reverse diode
IF = f (VSD), (P-Ch.)
parameter:
Tj , tp = 80 µs
0.0
-0.4
-0.8
-1.2
-1.6
-2.0
-2.4 V
-3.0
VSD
-2
10
-1
10
0
10
1
10
A
BSO 615 C
T
j = 25 °C typ
T
j = 25 °C (98%)
T
j = 150 °C typ
T
j = 150 °C (98%)


Similar Part No. - BSO615CG_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO615CG INFINEON-BSO615CG Datasheet
1Mb / 13P
   SIPMOS Small-Signal-Transistor
2006-08-25
More results

Similar Description - BSO615CG_12

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO612CV INFINEON-BSO612CV_12 Datasheet
392Kb / 13P
   SIPMOS횘 Small-Signal-Transistor
2012-04-04
SN7002W INFINEON-SN7002W_11 Datasheet
317Kb / 8P
   SIPMOS횘 Small-Signal-Transistor
Rev. 2.5 2011-07-13
BSP315P-E6327 INFINEON-BSP315P-E6327 Datasheet
543Kb / 9P
   SIPMOS횘 Small-Signal-Transistor
Rev.1.7 2012-11-26
BSP613P INFINEON-BSP613P_16 Datasheet
387Kb / 9P
   SIPMOS횘 Small-Signal-Transistor
Rev.2.8 2016-05-30
SN7002N INFINEON-SN7002N_11 Datasheet
333Kb / 9P
   SIPMOS횘 Small-Signal-Transistor
Rev. 2.6 2011-07-11
SN7002W INFINEON-SN7002W_09 Datasheet
1Mb / 8P
   SIPMOS횘 Small-Signal-Transistor Feature N-Channel Enhancement mode
Rev. 2.4 2009-08-19
SPB80P06PG INFINEON-SPB80P06PG_11 Datasheet
613Kb / 11P
   SIPMOS횘 Power-Transistor
Rev 1.6 2011-09-01
SPP80P06PH INFINEON-SPP80P06PH Datasheet
612Kb / 11P
   SIPMOS횘 Power-Transistor
Rev 1.5 2011-09-01
SPP08P06PH INFINEON-SPP08P06PH Datasheet
484Kb / 10P
   SIPMOS횘 Power-Transistor
Rev 1.6 2011-08-31
SPD30N03 INFINEON-SPD30N03 Datasheet
111Kb / 8P
   SIPMOS횘 Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com