Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1150ADS20 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AP1150ADS20
Description  14V Input / 200mA Output LDO Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1150ADS20 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AP1150ADS20 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1150ADS20 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1150ADS20 Datasheet HTML 9Page - Asahi Kasei Microsystems AP1150ADS20 Datasheet HTML 10Page - Asahi Kasei Microsystems AP1150ADS20 Datasheet HTML 11Page - Asahi Kasei Microsystems AP1150ADS20 Datasheet HTML 12Page - Asahi Kasei Microsystems AP1150ADS20 Datasheet HTML 13Page - Asahi Kasei Microsystems AP1150ADS20 Datasheet HTML 14Page - Asahi Kasei Microsystems AP1150ADS20 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
[AP1150ADSXX]
014011331-E-00
- 11 -
2014/10
11. Description
11.1 DC Characteristics
 Line Regulation
 Load Regulation
0
-35
15
5
10
20
-5
-15
V
IN(V)
10
±0
-10
-25
15
5
-20
-30
V
OUT=1.5V
2.0V
3.0V
4.0V
5.0V
0
-40
10
5
100
200
-5
-15
I
OUT(mA)
±0
-10
-25
150
50
-20
-35
-30
V
OUT=2.0V
V
OUT=5.0V
V
OUT=3.0V
 Stability Point
IOUT=0 to 200mA
 Dropout Voltage versus Output Current
-100
-200
20
100
300
-20
-60
V
IN(mV)
±0
-40
-100
200
0
-80
-120
-140
-160
I
OUT=200mA
I
OUT in 50mA steps
-180
I
OUT=0mA
0
-200
±0
-40
100
200
-80
-120
-20
-60
-100
-160
-140
-180
I
OUT(mA)
11.2 Input / output capacitors
Linear regulators require input and output capacitors in order to maintain the regulator's loop stability. The
equivalent series resistance (ESR) of the output capacitor must be in the stable operation area. However, it is
recommended to use as large a value of capacitance as is practical. The output noise and the ripple noise
decrease as the capacitance value increases. ESR values vary widely between ceramic and tantalum capacitors.
However, tantalum capacitors are assumed to provide more ESR damping resistance, which provides greater
circuit stability. This implies that a higher level of circuit stability can be obtained by using tantalum capacitors
when compared to ceramic capacitors with similar values.
For output voltage device 2.0V applications, the recommended value of CL0.10F.
For output voltage device 1.5V applications, the recommended value of CL0.22F


Similar Part No. - AP1150ADS20

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1150ADS20 HUAXINAN-AP1150ADS20 Datasheet
719Kb / 19P
   Output LDO Regulator
More results

Similar Description - AP1150ADS20

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1150ADS33 AKM-AP1150ADS33 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1150ADS50 AKM-AP1150ADS50 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1154ADL50 AKM-AP1154ADL50 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1154ADL21 AKM-AP1154ADL21 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1154ADLXX AKM-AP1154ADLXX Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1157ADVXX AKM-AP1157ADVXX Datasheet
1Mb / 32P
   14V Input / 100mA Output LDO Regulator
AP1153ADS33 AKM-AP1153ADS33 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1153ADS21 AKM-AP1153ADS21 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1153ADSXX AKM-AP1153ADSXX Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
logo
Richtek Technology Corp...
RTQ2511-QA RICHTEK-RTQ2511-QA Datasheet
874Kb / 11P
   14V, 2A IQ, 200mA LDO Regulator
November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com