Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1151ADS Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AP1151ADS
Description  14V Input Adjustable Voltage LDO Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1151ADS Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AP1151ADS Datasheet HTML 2Page - Asahi Kasei Microsystems AP1151ADS Datasheet HTML 3Page - Asahi Kasei Microsystems AP1151ADS Datasheet HTML 4Page - Asahi Kasei Microsystems AP1151ADS Datasheet HTML 5Page - Asahi Kasei Microsystems AP1151ADS Datasheet HTML 6Page - Asahi Kasei Microsystems AP1151ADS Datasheet HTML 7Page - Asahi Kasei Microsystems AP1151ADS Datasheet HTML 8Page - Asahi Kasei Microsystems AP1151ADS Datasheet HTML 9Page - Asahi Kasei Microsystems AP1151ADS Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
[AP1151ADS]
015000867-E-00
- 6 -
2015/01
10. Electrical Characteristics
■ Electrical Characteristics of Ta=Tj=25
C
The parameters with min or max values will be guaranteed at Ta=Tj=25C.
(Vin=4.0V, R1=51k, R2=68k, Vcont=1.8V, Ta=Tj=25C, unless otherwise specified.)
Parameter
Symbol
Condition
min
typ
max
Unit
FB pin Voltage
Vfb
Iout = 5mA
1.250
1.270
1.290
V
Line Regulation
LinReg
Vin = 5V
-
0.0
5.0
mV
Load Regulation (Note 2)
LoaReg
Iout = 5mA ~ 100mA
-
11
27
mV
Iout = 5mA ~ 200mA
-
26
61
mV
Dropout Voltage
Vdrop
Iout = 50mA
-
80
140
mV
Iout = 100mA
-
120
210
mV
Iout = 200mA
-
200
350
mV
Maximum Output Current
(Note 3)
IoutMAX
When Vout drops 0.3V
240
320
-
mA
Quiescent Current
Iq
Iout = 0mA
-
78
125
A
Standby Current
Istandby
Vcont = 0V
-
0.0
0.1
A
GND Pin Current
Ignd
Iout = 50mA
-
1.0
1.8
mA
Control Terminal
Control Current
Icont
Vcont = 1.8V
-
5.0
15.0
μA
Control Voltage
Vcont
Vout ON state
1.8
-
-
V
Vout OFF state
-
-
0.35
V
Reference Value
Np Terminal Voltage
Vnp
-
1.27
-
V
Output Voltage / Temp.
Vo/Ta
-
35
-
ppm
/C
Output Noise Voltage
Vno
Cout=1.0F, Cnp=0.01F
Cfb=100pF, Iout=30mA
-
34
-
μVrms
Ripple Rejection
R.R
Cout=1.0F, Cnp=0.01F
Cfb=100pF, Iout=10mA,
f=1kHz
-
80
-
dB
Rise Time
tr
Cout=1.0F,
Cnp=0.001F
Cfb=100pF
Vcont : Pulse Wave
(100Hz)
Vcont ON  Vout95%
point
-
40
-
μs
Note 2. Load Regulation changes with output voltage. The value mentioned above is guaranteed with the
condition at R1=51k, R2=68k (set at VoutTYP=3.0V).
Note 3. The maximum output current is limited by power dissipation.


Similar Part No. - AP1151ADS

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1151ADS HUAXINAN-AP1151ADS Datasheet
1Mb / 27P
   Input Adjustable Voltage LDO Regulator
More results

Similar Description - AP1151ADS

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1151ADS HUAXINAN-AP1151ADS Datasheet
1Mb / 27P
   Input Adjustable Voltage LDO Regulator
logo
Asahi Kasei Microsystem...
AP1154ADL50 AKM-AP1154ADL50 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1154ADL21 AKM-AP1154ADL21 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1150ADS33 AKM-AP1150ADS33 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1159ADSXX AKM-AP1159ADSXX Datasheet
540Kb / 19P
   14V Input / 100mA Low voltage Output LDO Regulator
AP1154ADLXX AKM-AP1154ADLXX Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1157ADVXX AKM-AP1157ADVXX Datasheet
1Mb / 32P
   14V Input / 100mA Output LDO Regulator
AP1150ADS50 AKM-AP1150ADS50 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1153ADS33 AKM-AP1153ADS33 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1153ADS21 AKM-AP1153ADS21 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com