Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1150ADS27 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AP1150ADS27
Description  14V Input / 200mA Output LDO Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1150ADS27 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AP1150ADS27 Datasheet HTML 5Page - Asahi Kasei Microsystems AP1150ADS27 Datasheet HTML 6Page - Asahi Kasei Microsystems AP1150ADS27 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1150ADS27 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1150ADS27 Datasheet HTML 9Page - Asahi Kasei Microsystems AP1150ADS27 Datasheet HTML 10Page - Asahi Kasei Microsystems AP1150ADS27 Datasheet HTML 11Page - Asahi Kasei Microsystems AP1150ADS27 Datasheet HTML 12Page - Asahi Kasei Microsystems AP1150ADS27 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
[AP1150ADSXX]
014011331-E-00
- 9 -
2014/10
■ Electrical Characteristics of Ta=-40
C~85℃
The parameters with min or max values will be guaranteed at Ta=-40 ~ 85C.
(VIN=Vout(typ)+1V,Vcont=1.8V,Ta=-40~85C)
Parameter
Symbol
Condition
min
typ
max
Unit
Output Voltage
Vout
Iout = 5mA
(Table 5,Table 6)
V
Line Regulation
LinReg
V
IN = 5V
-
0.0
8.0
mV
Load Regulation
LoaReg
Iout = 5mA ~ 100mA
(Table 5,Table 6)
mV
Iout = 5mA ~ 200mA
mV
Dropout Voltage (Note 4)
Vdrop
Iout = 50mA
-
80
180
mV
Iout = 100mA
-
120
270
mV
Iout = 180mA
(2.2V≦Vout≦2.3V)
-
230
390
mV
Iout = 200mA
(2.4V≦Vout)
-
200
390
mV
Maximum Output Current (Note
5)
IoutMAX
Vout=Vout(typ)  0.9
220
320
-
mA
Short Circuit Current (Note 5)
ISHORT
-
360
-
mA
Quiescent Current
Iq
Iout = 0mA
-
63
120
μA
Standby Current
Istandby
Vcont = 0V
-
0.0
0.5
μA
Ground Terminal Current
Ignd
Iout = 50mA
-
1.0
2.2
mA
Vcont Terminal
Vcont Terminal Current
Icont
Vcont = 1.8V
-
5.0
15.0
μA
Vcont Terminal Voltage
Vcont
Vout ON state
1.8
-
-
V
Vout OFF state
-
-
0.35
V
Note 4. For Vout  2.1V, no regulations.
Note 5. The maximum output current is limited by power dissipation.
Table 5. Standard Voltage Version
Part Number
Output Voltage
Load Regulation
Iout = 100mA
Iout = 200mA
min
typ
max
typ
max
typ
max
V
V
V
V
V
mV
V
AP1150ADS15
1.420
1.500
1.580
10
27
21
63
AP1150ADS18
1.720
1.800
1.880
10
28
22
63
AP1150ADS30
2.920
3.000
3.080
11
32
26
83
AP1150ADS33
3.217
3.300
3.383
12
33
27
88
AP1150ADS40
3.900
4.000
4.100
13
36
29
100
AP1150ADS45
4.387
4.500
4.613
13
38
31
109
AP1150ADS50
4.875
5.000
5.125
14
40
33
117
AP1150ADS54
5.265
5.400
5.535
14
41
34
124


Similar Part No. - AP1150ADS27

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1150ADS27 HUAXINAN-AP1150ADS27 Datasheet
719Kb / 19P
   Output LDO Regulator
More results

Similar Description - AP1150ADS27

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1150ADS33 AKM-AP1150ADS33 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1150ADS50 AKM-AP1150ADS50 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1154ADL50 AKM-AP1154ADL50 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1154ADL21 AKM-AP1154ADL21 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1154ADLXX AKM-AP1154ADLXX Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1157ADVXX AKM-AP1157ADVXX Datasheet
1Mb / 32P
   14V Input / 100mA Output LDO Regulator
AP1153ADS33 AKM-AP1153ADS33 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1153ADS21 AKM-AP1153ADS21 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1153ADSXX AKM-AP1153ADSXX Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
logo
Richtek Technology Corp...
RTQ2511-QA RICHTEK-RTQ2511-QA Datasheet
874Kb / 11P
   14V, 2A IQ, 200mA LDO Regulator
November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com