Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1152ADU25 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AP1152ADU25
Description  14.5V Input / 300mA Output LDO Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1152ADU25 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AP1152ADU25 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1152ADU25 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1152ADU25 Datasheet HTML 9Page - Asahi Kasei Microsystems AP1152ADU25 Datasheet HTML 10Page - Asahi Kasei Microsystems AP1152ADU25 Datasheet HTML 11Page - Asahi Kasei Microsystems AP1152ADU25 Datasheet HTML 12Page - Asahi Kasei Microsystems AP1152ADU25 Datasheet HTML 13Page - Asahi Kasei Microsystems AP1152ADU25 Datasheet HTML 14Page - Asahi Kasei Microsystems AP1152ADU25 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
[AP1152ADSXX]
014011330-E-01
- 11 -
2014/12
Table 5. Standard Voltage Version
Part Number
Output Voltage
Load Regulation
Iout = 100mA
Iout = 200mA
Iout = 300mA
min
typ
max
typ
max
typ
max
typ
max
V
V
V
mV
mV
mV
mV
mV
mV
AP1152ADU18
1.720
1.800
1.880
11
30
23
63
36
118
AP1152ADU25
2.420
2.500
2.580
12
31
24
68
40
131
AP1152ADU28
2.720
2.800
2.880
12
32
25
70
41
137
AP1152ADU30
2.920
3.000
3.080
12
33
26
72
42
141
AP1152ADU33
3.217
3.300
3.383
13
33
26
74
44
147
AP1152ADU40
3.900
4.000
4.100
13
35
28
79
48
161
AP1152ADU45
4.387
4.500
4.613
14
36
29
82
50
170
AP1152ADU50
4.875
5.000
5.125
14
37
31
86
53
180


Similar Part No. - AP1152ADU25

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1152ADU25 AKM-AP1152ADU25 Datasheet
1Mb / 26P
   14.5V Input / 300mA Output LDO Regulator
AP1152ADU25 AKM-AP1152ADU25 Datasheet
1Mb / 26P
   14.5V Input / 300mA Output LDO Regulator
More results

Similar Description - AP1152ADU25

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1152ADU25 AKM-AP1152ADU25 Datasheet
1Mb / 26P
   14.5V Input / 300mA Output LDO Regulator
AP1152ADU33 AKM-AP1152ADU33 Datasheet
1Mb / 26P
   14.5V Input / 300mA Output LDO Regulator
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
   Dual Output 300mA LDO Linear Regulator
logo
BCD Semiconductor Manuf...
AP2117 BCDSEMI-AP2117 Datasheet
51Kb / 2P
   300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Rohm
BDXXGA3MEFJ-M ROHM-BDXXGA3MEFJ-M Datasheet
997Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
2021.10.11 Rev.002
BA3662CP-V5_1010 ROHM-BA3662CP-V5_1010 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
BD00GA3MEFJ-ME2 ROHM-BD00GA3MEFJ-ME2 Datasheet
611Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
BD00GA3MEFJ-LB ROHM-BD00GA3MEFJ-LB Datasheet
788Kb / 24P
   300mA Variable Output Industrial LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com