Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100LVELT20DR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100LVELT20DR2G
Description  3.3V LVTTL/LVCMOS to Differential LVPECL Translator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVELT20DR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC100LVELT20DR2G Datasheet HTML 1Page - ON Semiconductor MC100LVELT20DR2G Datasheet HTML 2Page - ON Semiconductor MC100LVELT20DR2G Datasheet HTML 3Page - ON Semiconductor MC100LVELT20DR2G Datasheet HTML 4Page - ON Semiconductor MC100LVELT20DR2G Datasheet HTML 5Page - ON Semiconductor MC100LVELT20DR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 1
1
Publication Order Number:
MC100LVELT20/D
MC100LVELT20
3.3V LVTTL/LVCMOS to
Differential LVPECL
Translator
Description
The MC100LVELT20 is a 3.3 V TTL/CMOS to differential PECL
translator. Because PECL (Positive ECL) levels are used, only + 3.3 V
and ground are required. The small outline SOIC−8 package and the
single gate of the MC100LVELT20 makes it ideal for those
applications where space, performance, and low power are at a
premium.
The 100 Series contains temperature compensation.
Features
390 ps Typical Propagation Delay
Maximum Input Clock Frequency > 0.8 GHz Typical
Operating Range VCC = 3.0 V to 3.6 V with GND = 0 V
PNP TTL Input for Minimal Loading
Q Output will Default HIGH with Input Open
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb-Free Package
MARKING DIAGRAM
SOIC−8 NB
D SUFFIX
CASE 751−07
www.onsemi.com
KVT20
ALYW
G
1
8
1
8
*For additional marking information, refer to
Application Note AND8002/D.
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
ORDERING INFORMATION
Device
Package
Shipping
MC100LVELT20DG
SOIC−8 NB
(Pb-Free)
98 Units/Tube
MC100LVELT20DR2G SOIC-8 NB
(Pb-Free)
2500/Tape & Reel


Similar Part No. - MC100LVELT20DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVELT20DR2G ONSEMI-MC100LVELT20DR2G Datasheet
106Kb / 7P
   3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com