Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100LVELT23 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC100LVELT23
Description  3.3V Dual Differential LVPECL/LVDS to LVTTL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVELT23 Datasheet(HTML) 4 Page - ON Semiconductor

  MC100LVELT23 Datasheet HTML 1Page - ON Semiconductor MC100LVELT23 Datasheet HTML 2Page - ON Semiconductor MC100LVELT23 Datasheet HTML 3Page - ON Semiconductor MC100LVELT23 Datasheet HTML 4Page - ON Semiconductor MC100LVELT23 Datasheet HTML 5Page - ON Semiconductor MC100LVELT23 Datasheet HTML 6Page - ON Semiconductor MC100LVELT23 Datasheet HTML 7Page - ON Semiconductor MC100LVELT23 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC100LVELT23
www.onsemi.com
4
Table 5. LVTTL OUTPUT DC CHARACTERISTICS (VCC = 3.3 V; GND = 0 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
VOH
Output HIGH Voltage (IOH = −3.0 mA) (Note 2)
2.4
2.4
2.4
V
VOL
Output LOW Voltage (IOL = 24 mA) (Note 2)
0.5
0.5
0.5
V
IOS
Output Short Circuit Current
−180
−50
−180
−50
−180
−50
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. All values vary 1:1 with VCC. VCC can vary ±0.3 V.
2. LVTTL output RL = 500 W to GND.
Table 6. AC CHARACTERISTICS (VCC = 3.3 V; GND = 0 V (Notes 1, 2))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Fmax
Maximum Toggle Frequency (Note 3)
180
180
180
MHz
tPLH,
tPHL
Propagation Delay to
Output Differential
1.0
1.5
2.5
1.0
1.7
2.5
1.0
1.7
2.5
ns
tSK++
tSK−−
tSKPP
Output-to-Output Skew++
Output-to-Output Skew−−
Part-to-Part Skew (Note 4)
15
35
70
60
80
500
15
40
70
70
80
500
30
40
140
125
80
500
ps
tJITTER
Random Clock Jitter (RMS)
4.0
10
4.0
10
4.0
10
ps
VPP
Input Voltage Swing (Differential Configuration)
(Note 5)
200
800
1000
200
800
1000
200
800
1000
mV
tr
tf
Output Rise/Fall Times
(0.8 V − 2.0 V)
Q, Q
330
600
900
330
600
900
330
650
900
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. All values vary 1:1 with VCC. VCC can vary ±0.3 V.
2. LVTTL output RL = 500 W to GND and CL = 20 pF to GND. Refer to Figure 2.
3. Fmax guaranteed for functionality only. VOL and VOH levels are guaranteed at DC only.
4. Skews are measured between outputs under identical conditions.
5. 200 mV input guarantees full logic swing at the output.
Figure 2. TTL Output Loading Used for Device Evaluation
CHARACTERISTIC TEST
CL*RL
AC TEST LOAD
GND
*CL includes
fixture
capacitance
APPLICATION
TTL RECEIVER


Similar Part No. - MC100LVELT23

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVELT23 ONSEMI-MC100LVELT23 Datasheet
66Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS to LVTTL Translator
February, 2005 ??Rev. 12
MC100LVELT23 ONSEMI-MC100LVELT23 Datasheet
137Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS to LVTTL Translator
December, 2006 ??Rev. 14
MC100LVELT23D ONSEMI-MC100LVELT23D Datasheet
66Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS to LVTTL Translator
February, 2005 ??Rev. 12
MC100LVELT23D ONSEMI-MC100LVELT23D Datasheet
137Kb / 8P
   3.3 V Dual Differential LVPECL/LVDS to LVTTL Translator
December, 2006 ??Rev. 14
MC100LVELT23D ONSEMI-MC100LVELT23D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com