Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100LVEP34DG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100LVEP34DG
Description  2.5V / 3.3V ECL Clock Generation Chip
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEP34DG Datasheet(HTML) 2 Page - ON Semiconductor

  MC100LVEP34DG Datasheet HTML 1Page - ON Semiconductor MC100LVEP34DG Datasheet HTML 2Page - ON Semiconductor MC100LVEP34DG Datasheet HTML 3Page - ON Semiconductor MC100LVEP34DG Datasheet HTML 4Page - ON Semiconductor MC100LVEP34DG Datasheet HTML 5Page - ON Semiconductor MC100LVEP34DG Datasheet HTML 6Page - ON Semiconductor MC100LVEP34DG Datasheet HTML 7Page - ON Semiconductor MC100LVEP34DG Datasheet HTML 8Page - ON Semiconductor MC100LVEP34DG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MC100LVEP34
http://onsemi.com
2
VCC
Q0
Q1
VCC
Q2
15
16
14
13
12
11
10
2
1
3
4
5
6
7
VCC
9
8
EN
NC
CLK
CLK
VBB
MR
VEE
D
Q
R
Q
R
÷2
Q
R
÷4
Q
R
÷8
Warning: All VCC and VEE pins must be externally connected
to Power Supply to guarantee proper operation.
Q0
Q1
Q2
Figure 1. 16−Lead Pinout (Top View) and Logic Diagram
Table 1. PIN DESCRIPTION
Pin
Function
CLK*, CLK**
ECL Diff Clock Inputs
EN*
ECL Sync Enable
MR*
ECL Master Reset
Q0, Q0
ECL Diff
÷2 Outputs
Q1, Q1
ECL Diff
÷4 Outputs
Q2, Q2
ECL Diff
÷8 Outputs
VBB
Reference Voltage Output
VCC
Positive Supply
VEE
Negative Supply
NC
No Connect
* Pins will default LOW when left open.
**Pins will default to VCC/2 when left open.
Table 2. FUNCTION TABLE
CLK
EN
MR
FUNCTION
Z
ZZ
X
L
H
X
L
L
H
Divide
Hold Q0−3
Reset Q0−3
Z = Low−to−High Transition
ZZ = High−to−Low Transition


Similar Part No. - MC100LVEP34DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEP34DG ONSEMI-MC100LVEP34DG Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
More results

Similar Description - MC100LVEP34DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEP34 ONSEMI-MC100LVEP34_06 Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEP34 ONSEMI-MC100LVEP34 Datasheet
164Kb / 12P
   2.5V / 3.3V ECL /2, /4, /8 Clock Generation Chip
February, 2005 ??Rev. 7
MC100LVEL38 ONSEMI-MC100LVEL38_16 Datasheet
242Kb / 7P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
MC100LVEL34 ONSEMI-MC100LVEL34_14 Datasheet
99Kb / 9P
   3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 4
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL34 ONSEMI-MC100LVEL34 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL38 ONSEMI-MC100LVEL38_06 Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
MC100LVEL39 ONSEMI-MC100LVEL39 Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
MC100EL39 ONSEMI-MC100EL39_16 Datasheet
159Kb / 7P
   5 V ECL Clock Generation Chip
July, 2016 ??Rev. 8
MC100EL38 ONSEMI-MC100EL38 Datasheet
160Kb / 6P
   5V ECL Clock Generation Chip
July, 2016 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com