Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100LVEP210 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100LVEP210
Description  2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEP210 Datasheet(HTML) 2 Page - ON Semiconductor

  MC100LVEP210 Datasheet HTML 1Page - ON Semiconductor MC100LVEP210 Datasheet HTML 2Page - ON Semiconductor MC100LVEP210 Datasheet HTML 3Page - ON Semiconductor MC100LVEP210 Datasheet HTML 4Page - ON Semiconductor MC100LVEP210 Datasheet HTML 5Page - ON Semiconductor MC100LVEP210 Datasheet HTML 6Page - ON Semiconductor MC100LVEP210 Datasheet HTML 7Page - ON Semiconductor MC100LVEP210 Datasheet HTML 8Page - ON Semiconductor MC100LVEP210 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC100LVEP210
http://onsemi.com
2
CLKn*, CLKn**
ECL/PECL/HSTL CLK Inputs
VBB
Reference Voltage Output
VCC Qb4 Qb4 Qb3 Qb3 Qb2 Qb2 VCC
VCC Qa0 Qa0 Qa1 Qa1 Qa2 Qa2 VCC
VEE
VBB
VCC
Qb1
Qb1
Qb0
Qb0
Qa4
Qa4
Qa3
Qa3
Qa0
Qa0
Qa1
Qa1
Qa2
Qa2
Qa3
Qa3
Qa4
Qa4
VBB
CLKa
CLKa
NC
Qb0
Qb0
Qb1
Qb1
Qb2
Qb2
Qb3
Qb3
Qb4
Qb4
CLKb
CLKb
Warning: All VCC and VEE pins must be externally connected
to Power Supply to guarantee proper operation.
PIN
Qn0:4, Qn0:4
ECL/PECL Outputs
FUNCTION
VCC
Positive Supply
VEE
Negative Supply
* Pins will default LOW when left open.
** Pins will default to VCC/2 when left open.
MC100LVEP210
CLKa
CLKa
CLKb
CLKb
VEE
VCC
Table 1. PIN DESCRIPTION
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
16
Figure 1. 32−Lead QFN Pinout (Top View)
MC100LVEP210
VCC Qb4 Qb4 Qb3 Qb3 Qb2 Qb2 VCC
VCC Qa0 Qa0 Qa1 Qa1 Qa2 Qa2 VCC
VEE
VBB
VCC
Qb1
Qb1
Qb0
Qb0
Qa4
Qa4
Qa3
Qa3
NC
CLKa
CLKa
CLKb
CLKb
Figure 2. LQFP−32 Pinout (Top View)
Figure 3. Logic Diagram
EP
The exposed pad (EP) on the QFN−32 package bottom is thermally connected to the die for im-
proved heat transfer out of the package. THe exposed pad must be attached to a heat−sinking
conduit. The pad is electrically connected to VEE.
Exposed Pad
(EP)


Similar Part No. - MC100LVEP210

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEP210 ONSEMI-MC100LVEP210 Datasheet
135Kb / 8P
   Low-Voltage 1:5 Dual Diff.LVECL/LVPECL/LVEPECL/HSTL Clock Driver
March, 2000 ??Rev. 2
MC100LVEP210 ONSEMI-MC100LVEP210 Datasheet
159Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
MC100LVEP210FA ONSEMI-MC100LVEP210FA Datasheet
135Kb / 8P
   Low-Voltage 1:5 Dual Diff.LVECL/LVPECL/LVEPECL/HSTL Clock Driver
March, 2000 ??Rev. 2
MC100LVEP210FA ONSEMI-MC100LVEP210FA Datasheet
159Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
MC100LVEP210FAG ONSEMI-MC100LVEP210FAG Datasheet
159Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
More results

Similar Description - MC100LVEP210

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEP210 ONSEMI-MC100LVEP210_06 Datasheet
159Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
MC100LVEP14 ONSEMI-MC100LVEP14_14 Datasheet
96Kb / 7P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 14
NB100LVEP221 ONSEMI-NB100LVEP221_06 Datasheet
165Kb / 11P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
November, 2006 ??Rev. 7
NB100LVEP221 ONSEMI-NB100LVEP221 Datasheet
94Kb / 10P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
MC100LVEP111 ONSEMI-MC100LVEP111_06 Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
MC100EP14 ONSEMI-MC100EP14 Datasheet
66Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
June, 2004 ??Rev. 3
MC100LVEP111 ONSEMI-MC100LVEP111_15 Datasheet
179Kb / 14P
   2.5V / 3.3V 2:1:10 Differential ECL/PECL/HSTL Clock Driver
August, 2015 ??Rev. 23
MC100EP14 ONSEMI-MC100EP14_14 Datasheet
91Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 7
MC100EP14 ONSEMI-MC100EP14_06 Datasheet
132Kb / 9P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com