Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1159ADS11 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AP1159ADS11
Description  14V Input / 100mA Low voltage Output LDO Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1159ADS11 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AP1159ADS11 Datasheet HTML 1Page - Asahi Kasei Microsystems AP1159ADS11 Datasheet HTML 2Page - Asahi Kasei Microsystems AP1159ADS11 Datasheet HTML 3Page - Asahi Kasei Microsystems AP1159ADS11 Datasheet HTML 4Page - Asahi Kasei Microsystems AP1159ADS11 Datasheet HTML 5Page - Asahi Kasei Microsystems AP1159ADS11 Datasheet HTML 6Page - Asahi Kasei Microsystems AP1159ADS11 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1159ADS11 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1159ADS11 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
[AP1159ADSXX]
Rev.
0.1
- 5 -
2014/09
8.
Absolute Maximum Ratings
Parameter
Symbol
min
max
Unit
Condition
Input voltage
VINMAX
-0.4
16
V
Output bias
VREVMAX
-0.4
6
V
NP pin voltage
VNPMAX
-0.4
5
V
Control pin voltage
VCONTMAX
-0.4
16
V
Junction temperature
Tj
-
150
C
Storage temperature
TSTG
-55
150
C
Power dissipation
PD
-
400
mW
(Note 1)
Note 1. Ambient temperature is over 25C, power dissipation decreases by 4.0mW/C. In case of mounting on
2 layer glass epoxy substrate
(3cm×3cm, t=1mm, cupper layer t=0.35μm)
WARNING: Operation at or beyond these limits may result in permanent damage to the device. Normal
operation is not guaranteed at these extremes.
Figure 2. Maximum Power Dissipation
9.
Recommended Operation Conditions
Parameter
Symbol
min
typ
max
Unit
Comments
Operational temperature
Ta
-40
-
85
V
Input voltage
VIN
2.1
-
14
C
40
0
25
50
125
125
100
125
75
125
0
125
Pd(mW
)
(℃)
-4.0mW/℃
85
125
TA
125


Similar Part No. - AP1159ADS11

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1159ADS HUAXINAN-AP1159ADS Datasheet
540Kb / 19P
   Low voltage Output LDO Regulator
More results

Similar Description - AP1159ADS11

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1157ADVXX AKM-AP1157ADVXX Datasheet
1Mb / 32P
   14V Input / 100mA Output LDO Regulator
AP1153ADS33 AKM-AP1153ADS33 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1153ADS21 AKM-AP1153ADS21 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1153ADSXX AKM-AP1153ADSXX Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1154ADL50 AKM-AP1154ADL50 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1154ADL21 AKM-AP1154ADL21 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1150ADS33 AKM-AP1150ADS33 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1154ADLXX AKM-AP1154ADLXX Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1150ADS50 AKM-AP1150ADS50 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1150ADSXX AKM-AP1150ADSXX Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com