Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1153ADS29 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AP1153ADS29
Description  14V Input / 100mA Output LDO Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1153ADS29 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AP1153ADS29 Datasheet HTML 1Page - Asahi Kasei Microsystems AP1153ADS29 Datasheet HTML 2Page - Asahi Kasei Microsystems AP1153ADS29 Datasheet HTML 3Page - Asahi Kasei Microsystems AP1153ADS29 Datasheet HTML 4Page - Asahi Kasei Microsystems AP1153ADS29 Datasheet HTML 5Page - Asahi Kasei Microsystems AP1153ADS29 Datasheet HTML 6Page - Asahi Kasei Microsystems AP1153ADS29 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1153ADS29 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1153ADS29 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
[AP1153ADSXX]
015000869-E-00
- 5 -
2015/01
7. Pin Configurations and Functions
Pin Configurations
(Top View)
5
4
3
2
1
Functions
Pin No.
Pin
Description
Internal Equivalent Circuit
Description
1
VCONT
1
Vcont
320k
500k
On/Off Control Terminal
Vcont > 1.8V : ON
Vcont < 0.35V : OFF
The pull-down resister (500k) is built-in.
2
GND
-
GND Terminal
3
NP
Np
3
Noise Bypass Terminal
Connect a bypass capacitor between GND.
4
VOUT
Vout
Vin
Vref
4
Output Terminal
5
VIN
-
Input Terminal


Similar Part No. - AP1153ADS29

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1153ADS29 HUAXINAN-AP1153ADS29 Datasheet
1Mb / 29P
   Output LDO Regulator
logo
Asahi Kasei Microsystem...
AP1153ADS29 AKM-AP1153ADS29 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
More results

Similar Description - AP1153ADS29

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1157ADVXX AKM-AP1157ADVXX Datasheet
1Mb / 32P
   14V Input / 100mA Output LDO Regulator
AP1153ADS33 AKM-AP1153ADS33 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1153ADS21 AKM-AP1153ADS21 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1159ADSXX AKM-AP1159ADSXX Datasheet
540Kb / 19P
   14V Input / 100mA Low voltage Output LDO Regulator
AP1154ADL50 AKM-AP1154ADL50 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1154ADL21 AKM-AP1154ADL21 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1150ADS33 AKM-AP1150ADS33 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1154ADLXX AKM-AP1154ADLXX Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1150ADS50 AKM-AP1150ADS50 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1150ADSXX AKM-AP1150ADSXX Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com