Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83877TF Datasheet(PDF) 11 Page - Winbond

Part # W83877TF
Description  I/O chip disk drive adapter
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83877TF Datasheet(HTML) 11 Page - Winbond

Back Button W83877TF Datasheet HTML 7Page - Winbond W83877TF Datasheet HTML 8Page - Winbond W83877TF Datasheet HTML 9Page - Winbond W83877TF Datasheet HTML 10Page - Winbond W83877TF Datasheet HTML 11Page - Winbond W83877TF Datasheet HTML 12Page - Winbond W83877TF Datasheet HTML 13Page - Winbond W83877TF Datasheet HTML 14Page - Winbond W83877TF Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 154 page
background image
W83877TF
Publication Release Date: March 1998
- 48 -
Version 0.61
3.2.9 User-defined Register (UDR) (Read/Write)
This is a temporary register that can be accessed and defined by the user.
TABLE 3-5 BAUD RATE TABLE
BAUD RATE USING 24 MHZ TO GENERATE 1.8461 MHZ
Desired Baud Rate
Decimal divisor used to
generate 16X clock
Percent error difference between
desired and actual
50
2304
**
75
1536
**
110
1047
0.18%
134.5
857
0.099%
150
768
**
300
384
**
600
192
**
1200
96
**
1800
64
**
2000
58
0.53%
2400
48
**
3600
32
**
4800
24
**
7200
16
**
9600
12
**
19200
6
**
38400
3
**
57600
2
**
115200
1
**
230400
4
Note 1
**
460800
2
Note 1
**
921600
1
Note 1
**
1.5M
1
Note 2
0%
Note 1: Only use in high speed mode, when FASTA/FASTB bits are set (refer to CR19 bit1 and CR19 bit0).
Note 2: Only use in high speed mode, when TURA/TURB bits are set (refer to CR0C bit7 and bit6).
** The percentage error for all baud rates, except where indicated otherwise, is 0.16%


Similar Part No. - W83877TF

ManufacturerPart #DatasheetDescription
logo
Winbond
W83877TF WINBOND-W83877TF Datasheet
968Kb / 154P
   WINBOND I/O
More results

Similar Description - W83877TF

ManufacturerPart #DatasheetDescription
logo
Nanjing Qinheng Microel...
CH422 WCH-CH422 Datasheet
159Kb / 7P
   Digital Tube Display Drive I/O Extended chip
logo
NHP Electrical Engineer...
1794-ACN15 NHP-1794-ACN15 Datasheet
627Kb / 1P
   FLEX I/O CNET ADAPTER
7 June 2023,
1794-ADN NHP-1794-ADN Datasheet
657Kb / 1P
   FLEX I/O DNET ADAPTER
7 June 2023,
1719-AENTR NHP-1719-AENTR Datasheet
476Kb / 1P
   Ex I/O EtherNet/IP Adapter
8 June 2023,
logo
Winbond
W83757 WINBOND-W83757 Datasheet
1Mb / 29P
   SUPER I/O CHIP
logo
NHP Electrical Engineer...
1794-AENTR NHP-1794-AENTR Datasheet
664Kb / 1P
   FLEX I/O ENET ADAPTER DUAL PORT
7 June 2023,
logo
IBM
09N4268 IBM-09N4268 Datasheet
2Mb / 54P
   ThinkPad Hard Disk Drive
logo
Adam Technologies, Inc.
DDF-XX ADAM-TECH-DDF-XX Datasheet
80Kb / 1P
   DISK DRIVE FEMALE HOUSING
DDH-XX ADAM-TECH-DDH-XX Datasheet
80Kb / 1P
   DISK DRIVE MALE HOUSING
DDH-XXA ADAM-TECH-DDH-XXA Datasheet
83Kb / 1P
   DISK DRIVE POWER CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com