Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMF6.5A Datasheet(PDF) 1 Page - Dc Components

Part # SMF6.5A
Description  RECTIFIER SPECIALISTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SMF6.5A Datasheet(HTML) 1 Page - Dc Components

  SMF6.5A Datasheet HTML 1Page - Dc Components SMF6.5A Datasheet HTML 2Page - Dc Components SMF6.5A Datasheet HTML 3Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RECTIFIER SPECIALISTS
FEATURES
* Glass passivated junction
* 200 Watts Peak Pulse Power capability on
10/1000
µs waveform
* Excellent clamping capability
* Low inductance
* Fast response time
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: MIL-STD-202E, Method 208 guaranteed
* Polarity: Color band denotes positive end (cathode)
except bidirectional types
* Mounting position: Any
* Weight: 0.017 gram
SMF5.0A
THRU
SMF200A
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE RANGE - 5.0 to 220Volts
PEAK PULAE POWER - 200 Watts
Dimensions in inches and (millimeters)
Peak Pulse Power Dissipation on 10/1000
µs waveform
(Note1,FIG.1)
Steady State Power Dissipation at TA = 25OC
Lead Lengths .375"(9.5mm) (Note 2)
Peak Forward Surge Current, 8.3ms single half sine-wave
superimposed on rated load(JEDEC Method) (Note 3)
Operating and Storage Temperature Range
SYMBOL
PPPM
PM(AV)
IFSM
TJ , TSTG
VALUE
200
1.0
20
-55 to + 150
UNITS
Watts
Watts
O
C
Amps
NOTES : 1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25OC per Fig. 2.
2. Mounted on Copper Leaf area of 0.2 X 0.2"( 5.0 X 5.0mm ) per Fig. 5
3. 8.3ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA suffix (e.g. SMF5.0C, SMF220CA).
Electrical characteristics apply in both directions
DC COMPONENTS CO., LTD.
R
SOD-123FL
.047(1.2)
.031(0.8)
.154(3.9)
.138(3.5)
.114(2.9)
.098(2.5)
.043(1.1)
.020(0.5)
.039(1.0)
.024(0.6)
.008(0.2)
.004(0.1)
.075(1.9)
.063(1.6)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
o
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
www.dccomponents.com
1
REV-1,DEC,2015


Similar Part No. - SMF6.5A

ManufacturerPart #DatasheetDescription
logo
Anova Technologies CO.,...
SMF6.5A ANOVA-SMF6.5A Datasheet
351Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
Vishay Siliconix
SMF6.5A VISHAY-SMF6.5A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
Shenzhen Luguang Electr...
SMF6.5A LUGUANG-SMF6.5A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Socay Electornics Co., ...
SMF6.5A SOCAY-SMF6.5A Datasheet
1Mb / 6P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
PACELEADER INDUSTRIAL
SMF6.5A PACELEADER-SMF6.5A Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMF6.5A

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
   RECTIFIER SPECIALISTS
logo
Dc Components
1EZ6.2 DCCOM-1EZ6.2 Datasheet
44Kb / 3P
   RECTIFIER SPECIALISTS
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05F DCCOM-MB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
SMB2EZ6.2 DCCOM-SMB2EZ6.2 Datasheet
55Kb / 2P
   RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
   RECTIFIER SPECIALISTS
SQ1530 DCCOM-SQ1530 Datasheet
44Kb / 2P
   RECTIFIER SPECIALISTS
SS52F DCCOM-SS52F Datasheet
82Kb / 2P
   RECTIFIER SPECIALISTS
DZL4728A DCCOM-DZL4728A Datasheet
31Kb / 2P
   RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
   RECTIFIER SPECIALISTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com