Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC5349B Datasheet(PDF) 1 Page - Dc Components

Part # SMC5349B
Description  RECTIFIER SPECIALISTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SMC5349B Datasheet(HTML) 1 Page - Dc Components

  SMC5349B Datasheet HTML 1Page - Dc Components SMC5349B Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SMC5341B
THRU
SMC5388B
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
VOLTAGE RANGE - 6.2 to 200 Volts
POWER - 5.0 Watts
FEATURES
* Voltage Range:6.2V to 200V
* Build-in strain relief
* Glass passivated junction
* Low inductance
* Excellent clamping capability
* Low profile package
SYMBOL
VALUE
UNITS
Zener Current see Table "Characteristics"
Power Dissipation (Notes 1) at Tamb=25oC
Ptot
5
W
Peak Forward Surge Current, 8.3ms single half sine-wave
IFSM
superimposed on rated load (JEDEC Method) (Notes 2)
15
Amps
Maximum Forward Voltage at IF=500mA
VF
1.2
Volts
Operating and Storage Temperature
TJ,Tstg
-55 to + 150
o
C
Notes: 1. Mounted on 5.0mm2 (.013mm thick) land areas.
2. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
Fig. 1 - Changes in the power dissipation
due to the ambient temperature.
6
5
4
3
2
1
Ta(oC)
50
Ambient Temperature.
100
150
0
VZ, Zener Voltage(V)
Fig. 2 - VZ=6.8 Thru 10 Volts
10
9
8
7
6
5
4
3
2
1
11
100
1000
10
1
0.1
MECHANICAL DATA
* Case: Molded plastic
* Mounting position: Any
* Weight: 0.24 gram approx.
* Terminals:Solder plated, solderable per
MIL-STD-750, Method 2026
* Polarity:As Marked
* Epoxy: UL 94V-0 rate flame retardant
Dimensions in inches(millimeters)
SMC(DO-214AB)
.060(1.5)
.030(0.8)
.280(7.1)
.260(6.6)
.128(3.3)
.108(2.8)
.245(6.2)
.220(5.6)
.103(2.6)
.079(2.0)
.012(0.3)
.006(0.2)
.008(0.2)
.002(0.5)
.220(8.1)
.305(7.8)


Similar Part No. - SMC5349B

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SMC5349B WEITRON-SMC5349B Datasheet
64Kb / 2P
   Surface Mount Zener Diodes
logo
PACELEADER INDUSTRIAL
SMC5349B PACELEADER-SMC5349B Datasheet
360Kb / 2P
   SURFACE MOUNT ZENER TYPE
logo
Yangzhou yangjie electr...
SMC5349B YANGJIE-SMC5349B Datasheet
481Kb / 5P
   Limiting Values (Absolute Maximum Rating, Ta=25??Unless otherwise specified)
logo
Anova Technologies CO.,...
SMC5349B ANOVA-SMC5349B Datasheet
252Kb / 4P
   Surface Mount Zener Diodes
More results

Similar Description - SMC5349B

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
   RECTIFIER SPECIALISTS
logo
Dc Components
1EZ6.2 DCCOM-1EZ6.2 Datasheet
44Kb / 3P
   RECTIFIER SPECIALISTS
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05F DCCOM-MB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
SMB2EZ6.2 DCCOM-SMB2EZ6.2 Datasheet
55Kb / 2P
   RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
   RECTIFIER SPECIALISTS
SQ1530 DCCOM-SQ1530 Datasheet
44Kb / 2P
   RECTIFIER SPECIALISTS
SS52F DCCOM-SS52F Datasheet
82Kb / 2P
   RECTIFIER SPECIALISTS
DZL4728A DCCOM-DZL4728A Datasheet
31Kb / 2P
   RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
   RECTIFIER SPECIALISTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com