Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDJ14 Datasheet(PDF) 5 Page - Dc Components

Part # SMDJ14
Description  RECTIFIER SPECIALISTS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

SMDJ14 Datasheet(HTML) 5 Page - Dc Components

  SMDJ14 Datasheet HTML 1Page - Dc Components SMDJ14 Datasheet HTML 2Page - Dc Components SMDJ14 Datasheet HTML 3Page - Dc Components SMDJ14 Datasheet HTML 4Page - Dc Components SMDJ14 Datasheet HTML 5Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SMDJ200A
200
224
247
1
5
324
9.26
SMDJ220A
220
246
272
1
5
356
8.43
SMDJ250A
250
279
309
1
5
405
7.41
SMDJ300A
300
335
371
1
5
486
6.17
SMDJ350A
350
391
432
1
5
567
5.29
SMDJ400A
400
447
494
1
5
648
4.63
SMDJ440A
440
492
534
1
5
713
4.21
Reverse
Stand-off
Voltage
Breakdown
Voltage
@ IT
Test
Current
IT
VRWM
Maximum
Reverse
Leakage
@ VRWM
Maximum
Clamping
Voltage
@ IPP
Maximum
Peak
Pulse
Current
VBR
V
Min.
Max.
V
V
mA
µA
µA
UNI-
BI-
IR
VC
IPP
V
A
TYPE
R
DC COMPONENTS CO., LTD.
SMDJ (3000W) SERIES TRANSIENT VOLTAGE SUPPRESSORS
NOTES: 1. VBR measured after IT applied for 300
µs. IT= Square Wave Pulse or equivalent.
2. For bidirectional use “C” or “CA” suffixs for all types (e.g.: SMDJ5.0C, SMDJ5.0CA, SMDJ440C, SMDJ440CA).
Electrical characteristics apply in both directions.
3. For bidirectional types having VRWM of 10 volts and less, the ID limit is doubled.


Similar Part No. - SMDJ14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMDJ14 ETC1-SMDJ14 Datasheet
546Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 170 Volts 3000 Watt Peak Pulse Power
logo
First Silicon Co., Ltd
SMDJ14 FS-SMDJ14 Datasheet
593Kb / 5P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 440V
logo
Socay Electornics Co., ...
SMDJ14 SOCAY-SMDJ14 Datasheet
624Kb / 7P
   Surface Mount Transient Voltage Suppressors
logo
UN Semiconducctor INC
SMDJ14 UNSEMI-SMDJ14 Datasheet
4Mb / 8P
   5.0 To 440V 3000W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Socay Electornics Co., ...
SMDJ14 SOCAY-SMDJ14 Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMDJ14

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
   RECTIFIER SPECIALISTS
logo
Dc Components
1EZ6.2 DCCOM-1EZ6.2 Datasheet
44Kb / 3P
   RECTIFIER SPECIALISTS
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05F DCCOM-MB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
SMB2EZ6.2 DCCOM-SMB2EZ6.2 Datasheet
55Kb / 2P
   RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
   RECTIFIER SPECIALISTS
SQ1530 DCCOM-SQ1530 Datasheet
44Kb / 2P
   RECTIFIER SPECIALISTS
SS52F DCCOM-SS52F Datasheet
82Kb / 2P
   RECTIFIER SPECIALISTS
DZL4728A DCCOM-DZL4728A Datasheet
31Kb / 2P
   RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
   RECTIFIER SPECIALISTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com