Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6414TGLZ1 Datasheet(PDF) 31 Page - Texas Instruments

Part # TMS320C6414TGLZ1
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6414TGLZ1 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMS320C6414TGLZ1 Datasheet HTML 27Page - Texas Instruments TMS320C6414TGLZ1 Datasheet HTML 28Page - Texas Instruments TMS320C6414TGLZ1 Datasheet HTML 29Page - Texas Instruments TMS320C6414TGLZ1 Datasheet HTML 30Page - Texas Instruments TMS320C6414TGLZ1 Datasheet HTML 31Page - Texas Instruments TMS320C6414TGLZ1 Datasheet HTML 32Page - Texas Instruments TMS320C6414TGLZ1 Datasheet HTML 33Page - Texas Instruments TMS320C6414TGLZ1 Datasheet HTML 34Page - Texas Instruments TMS320C6414TGLZ1 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 142 page
background image
TMS320C6414T, TMS320C6415T, TMS320C6416T
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SPRS226J − NOVEMBER 2003 − REVISED JULY 2006
31
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
interrupt sources and interrupt selector (continued)
Table 25. C64x DSP Interrupts
CPU
INTERRUPT
NUMBER
INTERRUPT
SELECTOR
CONTROL
REGISTER
SELECTOR
VALUE
(BINARY)
INTERRUPT
EVENT
INTERRUPT SOURCE
INT_00†
RESET
INT_01†
NMI
INT_02†
Reserved
Reserved. Do not use.
INT_03†
Reserved
Reserved. Do not use.
INT_04‡
MUXL[4:0]
00100
GPINT4/EXT_INT4
GPIO interrupt 4/External interrupt pin 4
INT_05‡
MUXL[9:5]
00101
GPINT5/EXT_INT5
GPIO interrupt 5/External interrupt pin 5
INT_06‡
MUXL[14:10]
00110
GPINT6/EXT_INT6
GPIO interrupt 6/External interrupt pin 6
INT_07‡
MUXL[20:16]
00111
GPINT7/EXT_INT7
GPIO interrupt 7/External interrupt pin 7
INT_08‡
MUXL[25:21]
01000
EDMA_INT
EDMA channel (0 through 63) interrupt
INT_09‡
MUXL[30:26]
01001
EMU_DTDMA
EMU DTDMA
INT_10‡
MUXH[4:0]
00011
SD_INTA
EMIFA SDRAM timer interrupt
INT_11‡
MUXH[9:5]
01010
EMU_RTDXRX
EMU real-time data exchange (RTDX)
receive
INT_12‡
MUXH[14:10]
01011
EMU_RTDXTX
EMU RTDX transmit
INT_13‡
MUXH[20:16]
00000
DSP_INT
HPI/PCI-to-DSP interrupt
(PCI supported on C6415T and C6416T)
INT_14‡
MUXH[25:21]
00001
TINT0
Timer 0 interrupt
INT_15‡
MUXH[30:26]
00010
TINT1
Timer 1 interrupt
01100
XINT0
McBSP0 transmit interrupt
01101
RINT0
McBSP0 receive interrupt
01110
XINT1
McBSP1 transmit interrupt
01111
RINT1
McBSP1 receive interrupt
10000
GPINT0
GPIO interrupt 0
10001
XINT2
McBSP2 transmit interrupt
10010
RINT2
McBSP2 receive interrupt
10011
TINT2
Timer 2 interrupt
10100
SD_INTB
EMIFB SDRAM timer interrupt
10101
Reserved
Reserved. Do not use.
10110
Reserved
Reserved. Do not use.
10111
UINT
UTOPIA interrupt (C6415T/C6416T only)
11000 − 11101
Reserved
Reserved. Do not use.
11110
VCPINT
VCP interrupt (C6416T only)
11111
TCPINT
TCP interrupt (C6416T only)
† Interrupts INT_00 through INT_03 are non-maskable and fixed.
‡ Interrupts INT_04 through INT_15 are programmable by modifying the binary selector values in the Interrupt Selector Control
registers fields. Table 25 shows the default interrupt sources for Interrupts INT_04 through INT_15. For more detailed
information on interrupt sources and selection, see the TMS320C6000 DSP Interrupt Selector Reference Guide (literature
number SPRU646).


Similar Part No. - TMS320C6414TGLZ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6414T TI-TMS320C6414T Datasheet
2Mb / 142P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414TBCLZ1 TI1-TMS320C6414TBCLZ1 Datasheet
1Mb / 146P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414TBCLZ6 TI1-TMS320C6414TBCLZ6 Datasheet
1Mb / 146P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414TBCLZ7 TI1-TMS320C6414TBCLZ7 Datasheet
1Mb / 146P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414TBCLZ8 TI1-TMS320C6414TBCLZ8 Datasheet
1Mb / 146P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C6414TGLZ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com