Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6414TGLZ1 Datasheet(PDF) 25 Page - Texas Instruments

Part # TMS320C6414TGLZ1
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6414TGLZ1 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMS320C6414TGLZ1 Datasheet HTML 21Page - Texas Instruments TMS320C6414TGLZ1 Datasheet HTML 22Page - Texas Instruments TMS320C6414TGLZ1 Datasheet HTML 23Page - Texas Instruments TMS320C6414TGLZ1 Datasheet HTML 24Page - Texas Instruments TMS320C6414TGLZ1 Datasheet HTML 25Page - Texas Instruments TMS320C6414TGLZ1 Datasheet HTML 26Page - Texas Instruments TMS320C6414TGLZ1 Datasheet HTML 27Page - Texas Instruments TMS320C6414TGLZ1 Datasheet HTML 28Page - Texas Instruments TMS320C6414TGLZ1 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 142 page
background image
TMS320C6414T, TMS320C6415T, TMS320C6416T
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SPRS226J − NOVEMBER 2003 − REVISED JULY 2006
25
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
peripheral register descriptions (continued)
Table 19. PCI Peripheral Registers (C6415T and C6416T Only)
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
01C0 0000
RSTSRC
DSP Reset source/status register
01C0 0004
Reserved
01C0 0008
PCIIS
PCI interrupt source register
01C0 000C
PCIIEN
PCI interrupt enable register
01C0 0010
DSPMA
DSP master address register
01C0 0014
PCIMA
PCI master address register
01C0 0018
PCIMC
PCI master control register
01C0 001C
CDSPA
Current DSP address register
01C0 0020
CPCIA
Current PCI address register
01C0 0024
CCNT
Current byte count register
01C0 0028
Reserved
01C0 002C − 01C1 FFEF
Reserved
0x01C1 FFF0
HSR
Host status register
0x01C1 FFF4
HDCR
Host-to-DSP control register
0x01C1 FFF8
DSPP
DSP page register
0x01C1 FFFC
Reserved
01C2 0000
EEADD
EEPROM address register
01C2 0004
EEDAT
EEPROM data register
01C2 0008
EECTL
EEPROM control register
01C2 000C − 01C2 FFFF
Reserved
01C3 0000
TRCTL
PCI transfer request control register
01C3 0004 − 01C3 FFFF
Reserved
† These PCI registers are not supported on the C6414T device.


Similar Part No. - TMS320C6414TGLZ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6414T TI-TMS320C6414T Datasheet
2Mb / 142P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414TBCLZ1 TI1-TMS320C6414TBCLZ1 Datasheet
1Mb / 146P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414TBCLZ6 TI1-TMS320C6414TBCLZ6 Datasheet
1Mb / 146P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414TBCLZ7 TI1-TMS320C6414TBCLZ7 Datasheet
1Mb / 146P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414TBCLZ8 TI1-TMS320C6414TBCLZ8 Datasheet
1Mb / 146P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C6414TGLZ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com