Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS28F010A-15C3NL4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS28F010A-15C3NL4
Description  1048576-BIT FLASH ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F010A-15C3NL4 Datasheet(HTML) 1 Page - Texas Instruments

  TMS28F010A-15C3NL4 Datasheet HTML 1Page - Texas Instruments TMS28F010A-15C3NL4 Datasheet HTML 2Page - Texas Instruments TMS28F010A-15C3NL4 Datasheet HTML 3Page - Texas Instruments TMS28F010A-15C3NL4 Datasheet HTML 4Page - Texas Instruments TMS28F010A-15C3NL4 Datasheet HTML 5Page - Texas Instruments TMS28F010A-15C3NL4 Datasheet HTML 6Page - Texas Instruments TMS28F010A-15C3NL4 Datasheet HTML 7Page - Texas Instruments TMS28F010A-15C3NL4 Datasheet HTML 8Page - Texas Instruments TMS28F010A-15C3NL4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TMS28F010A
1048576-BIT FLASH
ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY
SMJS012 – DECEMBER 1992 – REVISED NOVEMBER 1993
Copyright
© 1993, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Organization . . . 128K × 8-Bit Flash Memory
Pin Compatible With Existing 1-Megabit
EPROMs
V
CC Tolerance ±10%
All Inputs/Outputs TTL Compatible
Maximum Access/Minimum Cycle Time
’28F010A-10
100 ns
’28F010A-12
120 ns
’28F010A-15
150 ns
’28F010A-17
170 ns
Industry-Standard Programming Algorithm
PEP4 Version Available With 168-Hour
Burn-In and Choice of Operating
Temperature Ranges
Chip Erase Before Reprogramming
10000 and 1000 Program/Erase-Cycle
Versions Available
Low Power Dissipation (V
CC = 5.5 V )
– Active Write . . . 55 mW
– Active Read... 165 mW
– Electrical Erase... 82.5 mW
– Standby... 0.55 mW
(CMOS-Input Levels)
Automotive Temperature Range
– 40
°C to 125°C
description
The TMS28F010A is a 1048 576-bit, program-
mable read-only memory that can be electrically
bulk-erased and reprogrammed. It is available in
10 000 and 1 000 program/erase-endurance-
cycle versions.
The TMS28F010A Flash EEPROM is offered in a
dual in-line plastic package (N suffix) designed for
insertion in mounting-hole rows on 15,2-mm
(600-mil) centers, a 32-lead plastic leaded
chip-carrier package using 1,25-mm (50-mil) lead
spacing (FM suffix), a 32-lead thin small-outline
package (DD suffix), and a reverse pinout TSOP
package (DU suffix).
The TMS28F010A is characterized for operation
in temperature ranges of 0
°C to 70°C (NL, FML,
DDL, and DUL suffixes), – 40
°C to 85°C (NE, FME,
DDE, and DUE suffixes), and – 40
°C to 125°C
(NQ, FMQ, DDQ, and DUQ suffixes). All package
types are offered with 168-hour burn-in (4 suffix).
A0 – A16
Address Inputs
DQ0 – DQ7
Data In/Data Out
E
Chip Enable
G
Output Enable
NC
No Internal Connection
VCC
5-V Power Supply
VPP
12-V Power Supply
V
SS
Ground
W
Write Enable
N PACKAGE
( TOP VIEW )
PIN NOMENCLATURE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VPP
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
VSS
VCC
W
NC
A14
A13
A8
A9
A11
G
A10
E
DQ7
DQ6
DQ5
DQ4
DQ3
32 1 32 31
14
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A14
A13
A8
A9
A11
G
A10
E
DQ7
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
430
15 16 17 18 19
FM PACKAGE
( TOP VIEW )
20
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TMS28F010A-15C3NL4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F010B TI-TMS28F010B Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B-10 TI-TMS28F010B-10 Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B-10C5FME TI-TMS28F010B-10C5FME Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B-10C5FML TI-TMS28F010B-10C5FML Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B-12 TI-TMS28F010B-12 Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
More results

Similar Description - TMS28F010A-15C3NL4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
logo
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
logo
NEC
UPD28C64 NEC-UPD28C64 Datasheet
250Kb / 10P
   65536-Bit Electrically Erasable And Programmable Read-Only Memory
logo
Texas Instruments
TMS29F256 TI-TMS29F256 Datasheet
997Kb / 18P
[Old version datasheet]   262,144-BIT FLASH ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORIES
logo
Fujitsu Component Limit...
MBM27C1028-15 FUJITSU-MBM27C1028-15 Datasheet
487Kb / 12P
   CMOS 1048576 BIT UV ERASABLE READ ONLY MEMORY
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com