Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6414TGLZ8 Datasheet(PDF) 97 Page - Texas Instruments

Part # TMS320C6414TGLZ8
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6414TGLZ8 Datasheet(HTML) 97 Page - Texas Instruments

Back Button TMS320C6414TGLZ8 Datasheet HTML 93Page - Texas Instruments TMS320C6414TGLZ8 Datasheet HTML 94Page - Texas Instruments TMS320C6414TGLZ8 Datasheet HTML 95Page - Texas Instruments TMS320C6414TGLZ8 Datasheet HTML 96Page - Texas Instruments TMS320C6414TGLZ8 Datasheet HTML 97Page - Texas Instruments TMS320C6414TGLZ8 Datasheet HTML 98Page - Texas Instruments TMS320C6414TGLZ8 Datasheet HTML 99Page - Texas Instruments TMS320C6414TGLZ8 Datasheet HTML 100Page - Texas Instruments TMS320C6414TGLZ8 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 142 page
background image
TMS320C6414T, TMS320C6415T, TMS320C6416T
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SPRS226J − NOVEMBER 2003 − REVISED JULY 2006
97
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
SYNCHRONOUS DRAM TIMING (CONTINUED)
ECLKOUTx
CEx
ABE[7:0] or BBE[1:0]
AEA[12:3] or BEA[10:1]
AED[63:0] or BED[15:0]
AOE/SDRAS/SOE‡
ARE/SDCAS/SADS/SRE‡
AWE/SDWE/SWE‡
AEA13 or BEA11
AEA[22:14] or BEA[20:12]
BE1
BE2
BE3
BE4
Bank
Column
D1
D2
D3
D4
11
8
9
5
5
5
4
2
11
8
9
4
4
2
1
10
3
4
WRITE
PDT§
14
14
† These C64x devices have two EMIFs (EMIFA and EMIFB). All EMIFA signals are prefixed by an “A” and all EMIFB signals are prefixed by a
“B”. Throughout the rest of this document, in generic EMIF areas of discussion, the prefix “A” or “B” may be omitted [e.g., the synchronous DRAM
memory access signals are shown as generic ( SDCAS, SDWE, and SDRAS ) instead of ASDCAS, ASDWE, and ASDRAS (for EMIFA) and
BSDCAS, BSDWE, and BSDRAS (for EMIFB)].
‡ ARE/SDCAS/SADS/SRE, AWE/SDWE/SWE, and AOE/SDRAS/SOE operate as SDCAS, SDWE, and SDRAS, respectively, during SDRAM
accesses.
§ PDT signal is only asserted when the EDMA is in PDT mode (set the PDTD bit to 1 in the EDMA options parameter RAM). For PDT write, data
is not driven (in High-Z). The PDTWL field in the PDT control register (PDTCTL) configures the latency of the PDT signal with respect to the data
phase of a write transaction. The latency of the PDT signal for a write transaction can be programmed to 0, 1, 2, or 3 by setting PDTWL to 00,
01, 10, or 11, respectively. PDTWL equals 00 (zero latency) in Figure 28.
Figure 28. SDRAM Write Command for EMIFA and EMIFB


Similar Part No. - TMS320C6414TGLZ8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6414T TI-TMS320C6414T Datasheet
2Mb / 142P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414TBCLZ1 TI1-TMS320C6414TBCLZ1 Datasheet
1Mb / 146P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414TBCLZ6 TI1-TMS320C6414TBCLZ6 Datasheet
1Mb / 146P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414TBCLZ7 TI1-TMS320C6414TBCLZ7 Datasheet
1Mb / 146P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414TBCLZ8 TI1-TMS320C6414TBCLZ8 Datasheet
1Mb / 146P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - TMS320C6414TGLZ8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com