Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSP500-702UH Datasheet(PDF) 6 Page - Sparkle Power Inc.

Part # FSP500-702UH
Description  Active PFC Circuit / Full Range Input
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPI [Sparkle Power Inc.]
Direct Link  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

FSP500-702UH Datasheet(HTML) 6 Page - Sparkle Power Inc.

Back Button FSP500-702UH_14 Datasheet HTML 2Page - Sparkle Power Inc. FSP500-702UH_14 Datasheet HTML 3Page - Sparkle Power Inc. FSP500-702UH_14 Datasheet HTML 4Page - Sparkle Power Inc. FSP500-702UH_14 Datasheet HTML 5Page - Sparkle Power Inc. FSP500-702UH_14 Datasheet HTML 6Page - Sparkle Power Inc. FSP500-702UH_14 Datasheet HTML 7Page - Sparkle Power Inc. FSP500-702UH_14 Datasheet HTML 8Page - Sparkle Power Inc. FSP500-702UH_14 Datasheet HTML 9Page - Sparkle Power Inc. FSP500-702UH_14 Datasheet HTML 10Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
reached 4.75 volts during power up. Characteristics:
TTL signal asserted (low state) : less than 0.5V while sinking 10mA.
TTL signal asserted (high state): greater than 4.75V while sourcing 500uA.
High state output impedance: less or equal to 1Kohm from output to common.
POWER GOOD @ 115/230V,FULL LOAD
100 –500mSec.
POWER FAIL @115/230V, FULL LOAD
1 mSec. minimum
(A) Remote ON-OFF Timing:
(B) AC ON / OFF Timing :
PS_ON
Main O/P
P.G.
OFF
ON
T2
T1
T3
T1 < 20mS
T2 = 100~500mS
T3 > 1mS
P.G. SENSE
LEVEL 95%
Main output
AC Input Voltage
5Vsb
T1
T2
T5
T3
T4
PG
文件資料管制 文件資料管制 文件資料管制
7/10禁止翻印外洩
ESD14003974-R3.pdf
發行時間:2014/1/24 3:46 下午


Similar Part No. - FSP500-702UH_14

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP500-702UH FSP-FSP500-702UH_15 Datasheet
160Kb / 1P
   industrial level of switching power
More results

Similar Description - FSP500-702UH_14

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
LDC240 BEL-LDC240 Datasheet
608Kb / 5P
   Active PFC
LDC480 BEL-LDC480 Datasheet
598Kb / 4P
   Active PFC
logo
Altech corporation
PS-1515 ALTECH-PS-1515 Datasheet
330Kb / 2P
   Universal AC input/Full range
logo
Total Power Internation...
SP-150 TOTAL-POWER-SP-150 Datasheet
400Kb / 2P
   Universal AC input / full range
logo
Mean Well Enterprises C...
RCP-1U MEANWELL-RCP-1U Datasheet
232Kb / 6P
   UNIVERSAL AC INPUT / FULL RANGE
EDR-150 MEANWELL-EDR-150 Datasheet
571Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
IRM-03 MEANWELL-IRM-03 Datasheet
583Kb / 4P
   UNIVERSAL AC INPUT/FULL RANGE
RSP-1600 MEANWELL-RSP-1600 Datasheet
356Kb / 8P
   UNIVERSAL AC INPUT/FULL RANGE
DRA-40 MEANWELL-DRA-40 Datasheet
167Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
DRA-60 MEANWELL-DRA-60 Datasheet
168Kb / 5P
   UNIVERSAL AC INPUT/FULL RANGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com